Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL620-07 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PLL620-07
Description  Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLL620-07 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PLL620-07 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLL620-07 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLL620-07 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLL620-07 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLL620-07 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLL620-07 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLL620-07 Datasheet HTML 7Page - List of Unclassifed Manufacturers PLL620-07 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PLL620-05/-06/-07/-08/-09
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/01/05 Page 3
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Fundamental or 3rd
overtone*
100
200
MHz
Crystal Loading Rating
CL (xtal)
5
pF
Interelectrode Capacitance
C0
5
pF
Recommended ESR
RE
AT cut
30
Ω
* Note: 3rd overtone crystals require an external resistor between XIN and XOUT to prevent the fundamental from oscillating.
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (Loaded
Outputs)
IDD
PECL/LVDS/CMOS
100/80/40
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock Duty Cycle
@ 50% VDD (CMOS)
@ 1.25V (LVDS)
@ VDD – 1.3V (PECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit Current
±50
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com