Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL602-00DC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL602-00DC
Description  Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-00DC Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL602-00DC Datasheet HTML 1Page - PhaseLink Corporation PLL602-00DC Datasheet HTML 2Page - PhaseLink Corporation PLL602-00DC Datasheet HTML 3Page - PhaseLink Corporation PLL602-00DC Datasheet HTML 4Page - PhaseLink Corporation PLL602-00DC Datasheet HTML 5Page - PhaseLink Corporation PLL602-00DC Datasheet HTML 6Page - PhaseLink Corporation PLL602-00DC Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLL620-00
Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• 100MHz to 200MHz Fundamental or 3rd
Overtone Crystal input.
• Output range: 100 – 200MHz (no multiplication),
200 – 400MHz (2x multiplier) or 400 – 700MHz
(4x multiplier).
• Available outputs: PECL, LVDS, or CMOS (High
Drive (30mA) or Standard Drive (10mA) output).
• Supports 3.3V-Power Supply.
• Available in die form.
• Thickness 10 mil.
DESCRIPTION
The PLL620-00 is an XO IC specifically designed to
work with high frequency fundamental and third
overtone crystals. Its design was optimized to
tolerate higher limits of interelectrode capacitance
and bonding capacitance to improve yield. It
achieves very low current into the crystal resulting in
better overall stability. It is ideal for XO applications
requiring LVDS or PECL output levels at high
frequencies.
DIE SPECIFICATIONS
Name
Value
Size
62 x 65 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
BLOCK DIAGRAM
DIE CONFIGURATION
OUTPUT SELECTION AND ENABLE
OUTSEL1
(Pad #18)
OUTSEL0
(Pad #25)
Selected Output
0
0
High Drive CMOS
0
1
Standard CMOS
1
0
LVDS
1
1
PECL (default)
OE_SELECT
(Pad #9)
OE_CTRL
(Pad #30)
State
0
Tri-state
0
1 (Default)
Output enabled
0 (Default)
Output enabled
1 (Default)
1
Tri-state
Pad #9:
Bond to GND to set to “0”, bond to VDD to set to “1”
Pad #30: Logical states defined by PECL levels if OE_SELECT (pad
#9) is “1”
Logical states defined by CMOS levels if OE_SELECT is
“0”
X+
X-
OE
Q
PLL620-00
Vin
Q
PLL by-pass
SEL
PLL
(Phase
Locked
Loop)
Oscillator
Amplifier
18
19
20
21
23
25
7
13
10
26
29
31
Y
X
(0,0)
(1550,1475)
65 mil
24
22
17
16
15
14
12
11
9
8
6
1
2
3
4
5
27
28
30
OE_SEL^
PECL
LVDS
VDDBUF
VDDBUF
PECLB
LVDSB
CMOS
GNDBUF
XIN
XOUT
NC
OE
CTRL
SEL2^
SEL3^
Die ID:
A1010-10A
C502A


Similar Part No. - PLL602-00DC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-00DC PLL-PLL602-00DC Datasheet
174Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
More results

Similar Description - PLL602-00DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-05 ETC1-PLL620-05 Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
PhaseLink Corporation
PL623-38 PLL-PL623-38 Datasheet
216Kb / 6P
Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
PLL620-20 PLL-PLL620-20 Datasheet
203Kb / 7P
Low Phase Noise XO (for HF Fund. and 3rd O.T.)
PLL620-21 PLL-PLL620-21 Datasheet
215Kb / 7P
Low Phase Noise XO (for HF Fund. and 3-rd O.T.)
PLL520-17 PLL-PLL520-17 Datasheet
240Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PLL520-05 PLL-PLL520-05 Datasheet
239Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
PLL620-05 PLL-PLL620-05 Datasheet
265Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
Abracon Corporation
ABX2005 ABRACON-ABX2005 Datasheet
115Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
03/21/05
ABV2005 ABRACON-ABV2005 Datasheet
93Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
ABV2017 ABRACON-ABV2017 Datasheet
79Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com