Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC3G06DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC3G06DP
Description  Inverter with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC3G06DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC3G06DP Datasheet HTML 3Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 4Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 5Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 6Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 7Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 8Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 9Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 10Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2003 Dec 02
7
Philips Semiconductors
Product specification
Inverter with open-drain outputs
74HC3G06; 74HCT3G06
Type 74HCT3G06
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C; note 1
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
1.6
−
V
VIL
LOW-level input voltage
4.5 to 5.5
−
1.2
0.8
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 µA
4.5
−
0
0.1
V
IO = 4.0 mA
4.5
−
0.15
0.33
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
ILO
output leakage current
VI =VIH;
VO =VCC or GND
5.5
−−±5.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0
5.5
−−
10
µA
∆ICC
additional supply current
per input
VI =VCC − 2.1 V; IO = 0
4.5 to 5.5
−−
375
µA
Tamb = −40 to +125 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 µA
4.5
−−
0.1
V
IO = 4.0 mA
4.5
−−
0.4
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
ILO
output leakage current
VI =VIH;
VO =VCC or GND
5.5
−−±10
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0
5.5
−−
20
µA
∆ICC
additional supply current
per input
VI =VCC − 2.1 V; IO = 0
4.5 to 5.5
−−
410
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com