Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A71CL Datasheet(PDF) 13 Page - NXP Semiconductors

Part # A71CL
Description  Plug & Trust Secure Element for Alibaba Cloud
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A71CL Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button A71CL Datasheet HTML 9Page - NXP Semiconductors A71CL Datasheet HTML 10Page - NXP Semiconductors A71CL Datasheet HTML 11Page - NXP Semiconductors A71CL Datasheet HTML 12Page - NXP Semiconductors A71CL Datasheet HTML 13Page - NXP Semiconductors A71CL Datasheet HTML 14Page - NXP Semiconductors A71CL Datasheet HTML 15Page - NXP Semiconductors A71CL Datasheet HTML 16Page - NXP Semiconductors A71CL Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
485030
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 24 September 2020
485031
13 of 24
NXP Semiconductors
A71CL
Plug & Trust Secure Element for Alibaba Cloud
13. Characteristics
13.1 DC characteristics
Measurement conventions
Testing measurements are performed at the contact pads of the device under test. All
voltages are defined with respect to the ground contact pad VSS. All currents flowing into
the device are considered positive.
13.1.1 General and I2C I/O interface
[1]
Maximum value according to Table 8 “Recommended operating conditions”
Table 9.
Electrical DC characteristics of I2C_SCL, I2C_SDA and RST_N
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input/Output: I2C_SCL, I2C_SDA in push-pull mode
VIH
HIGH level input voltage
0.7 VDD
VImax[1]
V
VIL
LOW level input voltage
-0.5
0.3 VDD
V
IIH
HIGH level input current in input
mode
VIHmin < VI < VIHmax
± 10
µA
IIL
LOW level input current
VILmin < VI < VILmax
± 10
µA
VOH
HIGH level output voltage
IOH = −3.0 mA;
3V3 mode
[2]
0.7 VDD
V
IOH = −3.0 mA;
1V8 mode
[2]
0.7 VDD
V
VOL
LOW level output voltage
IOL = 3.0 mA
3V3 mode
0.4
V
IOL = 2.0 mA
1V8 mode
0.2 VDD
V
Input/Output: I2C_SCL, I2C_SDA in open-drain mode
VIH
HIGH level input voltage
0.7 VDD
VImax[1]
V
VIL
LOW level input voltage
-0.5
0.3 VDD
V
IIH
HIGH level input current in input
mode
VIHmin < VI < VIHmax
± 10
µA
IIL
LOW level input current
VILmin < VI < VILmax
± 10
µA
VOL
LOW level output voltage
IOL = 3.0 mA
3V3 mode
0.4
V
IOL = 2.0 mA
1V8 mode
0.2 VDD
V
Input: RST_N
VIH1
HIGH level input voltage
0.7 VDD
VImax[1]
V
VIL1
LOW level input voltage
-0.3
0.3 VDD
V
IIH1
HIGH level RST_N input current VIH1min ≤ VI ≤ VDD
[3]
± 20
µA
IIL1
LOW level RST_N input current 0 V
≤ V
I ≤ VIL1max;
[3]
± 20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com