Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4522 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TGA4522
Description  33 ??7 GHz Wide Band Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA4522 Datasheet(HTML) 2 Page - Qorvo, Inc

  TGA4522 Datasheet HTML 1Page - Qorvo, Inc TGA4522 Datasheet HTML 2Page - Qorvo, Inc TGA4522 Datasheet HTML 3Page - Qorvo, Inc TGA4522 Datasheet HTML 4Page - Qorvo, Inc TGA4522 Datasheet HTML 5Page - Qorvo, Inc TGA4522 Datasheet HTML 6Page - Qorvo, Inc TGA4522 Datasheet HTML 7Page - Qorvo, Inc TGA4522 Datasheet HTML 8Page - Qorvo, Inc TGA4522 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
TGA4522
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
TABLE I
MAXIMUM RATINGS 1/
SYMBOL
PARAMETER
VALUE
NOTES
Vd
Drain Voltage
8 V
2/
Vg
Gate Voltage Range
-2 TO 0 V
Id
Drain Current
700 mA
2/ 3/
⏐Ig⏐
Gate Current
16 mA
3/
PIN
Input Continuous Wave Power
23 dBm
PD
Power Dissipation
4.2 W
2/
TCH
Operating Channel Temperature
200 °C
5/ 6/
Mounting Temperature (30 Seconds)
320 °C
TSTG
Storage Temperature
-65 to 150 °C
1/
These ratings represent the maximum operable values for this device.
2/
Combinations of supply voltage, supply current, input power, and output power shall not exceed PD.
3/
Total current for the entire MMIC.
4/
When operated at this bias condition (with RF applied) at a base plate temperature of 70 °C, the
median life is 7.3E+3 hrs.
5/
Junction operating temperature will directly affect the device median time to failure (Tm). For
maximum life, it is recommended that junction temperatures be maintained at the lowest possible
levels.
6/
These ratings apply to each individual FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com