Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1082CHIP Datasheet(PDF) 8 Page - Analog Devices

Part # HMC1082CHIP
Description  5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1082CHIP Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC1082CHIP Datasheet HTML 4Page - Analog Devices HMC1082CHIP Datasheet HTML 5Page - Analog Devices HMC1082CHIP Datasheet HTML 6Page - Analog Devices HMC1082CHIP Datasheet HTML 7Page - Analog Devices HMC1082CHIP Datasheet HTML 8Page - Analog Devices HMC1082CHIP Datasheet HTML 9Page - Analog Devices HMC1082CHIP Datasheet HTML 10Page - Analog Devices HMC1082CHIP Datasheet HTML 11Page - Analog Devices HMC1082CHIP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HMC1082CHIP
Data Sheet
Rev. B | Page 8 of 15
0
–16
–14
–12
–10
–8
–6
–4
–2
5.5
18.0
FREQUENCY (GHz)
8.0
10.5
13.0
15.5
4.0V
4.5V
5.0V
Figure 14. Output Return Loss vs. Frequency for Various Supply Voltages
(VDD), IDQ = 220 mA
30
12
14
16
18
20
22
24
26
28
5.5
18.0
FREQUENCY (GHz)
8.0
10.5
13.0
15.5
180mA
220mA
250mA
Figure 15. Gain vs. Frequency for Various IDQ Values, VDD = 5 V
30
16
5.5
8.0
10.5
13.0
15.5
18.0
FREQUENCY (GHz)
18
20
22
24
26
28
+85°C
+25°C
–55°C
Figure 16. P1dB vs. Frequency for Various Temperatures, VDD = 5 V,
IDQ = 220 mA
0
–16
–14
–12
–10
–8
–6
–4
–2
5.5
18.0
FREQUENCY (GHz)
8.0
10.5
13.0
15.5
180mA
220mA
250mA
Figure 17. Input Return Loss vs. Frequency for Various IDQ Values, VDD = 5 V
0
–16
–14
–12
–10
–8
–6
–4
–2
5.5
18.0
FREQUENCY (GHz)
8.0
10.5
13.0
15.5
180mA
220mA
250mA
Figure 18. Output Return Loss vs. Frequency for Various Supply Currents (IDQ),
VDD = 5 V
30
16
18
20
22
24
26
28
5.5
8.0
10.5
13.0
15.5
18.0
FREQUENCY (GHz)
+85°C
+25°C
–55°C
Figure 19. PSAT vs. Frequency for Various Temperatures, VDD = 5 V,
IDQ = 220 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com