Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611-30 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL611-30
Description  Programmable Quick Turn Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611-30 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL611-30 Datasheet HTML 1Page - PhaseLink Corporation PL611-30 Datasheet HTML 2Page - PhaseLink Corporation PL611-30 Datasheet HTML 3Page - PhaseLink Corporation PL611-30 Datasheet HTML 4Page - PhaseLink Corporation PL611-30 Datasheet HTML 5Page - PhaseLink Corporation PL611-30 Datasheet HTML 6Page - PhaseLink Corporation PL611-30 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary
PL611-30
Programmable Quick Turn ClockTM
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 03/03/05 Page 2
KEY PROGRAMMING PARAMETERS
CLK[ 0:2 ]
Output Frequency
Output Drive
Strength
Crystal
Load
Programmable
Input/Output (pin #7)
# of
Register
Banks
Charge-Pump
Current
Fout = FIN * M / (R * P)
where M= 6 bit
R= 1
P= 5 bit
1. CLK[0:1]= VCO / 2 * P
2. CLK[2]= FIN or FIN/2
Std: 10mA
(default)
High: 24mA
+/- 200ppm
tuning.
One output pin can be
configured as
1. CLK2 = FIN or FIN/2
2. FSEL - input
3. OE - input
2
4 levels of pump
current setting
PIN DESCRIPTION
Pin #
Name
(M)SOP-8
Type
Description
XIN/FIN
1
I
Crystal or Reference input pin
GND
2
P
GND connection
CLK[0:1]
3,4
O
Programmable Clock Output [note:CLK0=~CLK1]
VDD
5
P
VDD connection
DNC
6
-
Do No Connect
CLK2, OE, FSEL
7
B
This programmable I/O pin can be configured as CLK2
(
FIN or FIN/2) output, or OE input, or Frequency
Selection (FSEL) input pin. This pin has an internal 60K
pull up resistor.
State
OE
FSEL
0
Tristate
CLK[0:1]
Select Bank ’0’
ROM
1 (default)
Normal
mode
Select Bank ‘1’
ROM
XOUT
8
O
Crystal output pin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com