Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL623-38 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PL623-38
Description  Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL623-38 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PL623-38 Datasheet HTML 1Page - PhaseLink Corporation PL623-38 Datasheet HTML 2Page - PhaseLink Corporation PL623-38 Datasheet HTML 3Page - PhaseLink Corporation PL623-38 Datasheet HTML 4Page - PhaseLink Corporation PL623-38 Datasheet HTML 5Page - PhaseLink Corporation PL623-38 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
PL623-38
Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com Rev 05/03/05 Page 4
2. Crystal Specifications
3. General Electrical Specifications
PARAMETERS
SYMBO
L
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (Loaded
Outputs)
IDD
PECL
85/55
mA
Operating Voltage
VDD
2.25
3.63
V
Output Clock Duty Cycle
@ Vdd – 1.3V (PECL)
45
50
55
%
Short Circuit Current
±50
mA
4. Jitter Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS at 106.25MHz
2.0
Period jitter peak-to-peak at 106.25MHz
With capacitive decoupling
between VDD and GND.
17.0
ps
Integrated jitter RMS at 106.25MHz
Integrated 12 kHz to 20 MHz
0.3*
ps
*Measured on Agilent E5500.
5. Phase Noise Specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
UNITS
Phase Noise vs. carrier
with fund. crystal.
106.25MHz
-55
-90
-110
-135
-145
dBc/Hz
*: Note: Phase noise to be measured. Based on P520-20 product (fundamental 155MHz VCXO).
Name
Symbol
Conditions
Min.
Max.
Units
Parallel Resonant mode
3rd Overtone
N/A
Load capacitance (capacitance on
built-in on die seen by crystal)
CL
Die only, no bond wire,
no package
5
pF
Inter-electrode capacitance
C0
4
pF
Equivalent Series Resistance
ESR
35
Ω
Oscillation Frequency
3rd Overtone
65
130
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com