Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL680-37 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL680-37
Description  38-640MHz Low Phase Noise XO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL680-37 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL680-37 Datasheet HTML 1Page - PhaseLink Corporation PL680-37 Datasheet HTML 2Page - PhaseLink Corporation PL680-37 Datasheet HTML 3Page - PhaseLink Corporation PL680-37 Datasheet HTML 4Page - PhaseLink Corporation PL680-37 Datasheet HTML 5Page - PhaseLink Corporation PL680-37 Datasheet HTML 6Page - PhaseLink Corporation PL680-37 Datasheet HTML 7Page - PhaseLink Corporation PL680-37 Datasheet HTML 8Page - PhaseLink Corporation PL680-37 Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
(Preliminary)
PL680-37/38/39
38-640MHz Low Phase Noise XO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 1
FEATURES
• Less than 0.4ps RMS (12KHz-20MHz) phase
jitter for all frequencies.
• Less than 25ps peak to peak jitter for all
frequencies.
• Low phase noise output (@ 1MHz frequency
offset
∗ -144dBc/Hz for 106.25MHz
∗ -144dBc/Hz for 156.25MHz
∗ -144dBc/Hz for 212.5MHz
∗ -140dBc/Hz for 312.5MHz,
∗ -131dBC/Hz for 622.08MHz
• 19MHz-40MHz crystal input.
• 38MHz-640MHz output.
• Available in PECL, LVDS, or CMOS outputs.
• Output Enable selector.
• 2.5V & 3.3V operation.
• Available in 3x3 QFN or 16-pin TSSOP
packages.
DESCRIPTION
The PL680-3X is a monolithic low jitter and low
phase noise high performance clock, capable of
maintaining 0.4ps RMS phase jitter and CMOS,
LVDS or PECL outputs, covering a wide frequency
output range up to 640MHz. It allows high
performance and high frequency output, using a low
cost fundamental crystal of between 19-40MHz..
The frequency selector pads of PL680-3X enable
output frequencies of (2, 4, 8, or 16) * FXIN. The
PL680-3X is designed to address the demanding
requirements of high performance applications such
Fiber Channel, serial ATA, Ethernet, SAN, etc.
PACKAGE PIN ASSIGNMENT
16-pin TSSOP
3x3 QFN
Note1: QBAR is used for single ended CMOS output
.
Note2: ^ Denotes internal pull up resistor.
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
VDDANA
9
10
11
12
13
14
15
16
XIN
XOUT
SEL2^
OE_CTRL
DNC
GNDANA
LP
SEL0^
GNDBUF
SEL1^
GNDBUF
QBAR
VDDBUF
Q
LM
PL680-3X
GNDBUF
VDDBUF
Q
QBAR
SEL2^
XOUT
OE_CTRL
DNC
4
16
15
14
13
12
11
10
9
8
7
6
5
12
3
Phase
Detector
Charge
Pump
Loop
Filter
VCO
(FXiNx16)
VCO
Divider
XTAL
OSC
QBAR
OE
XIN
XOUT
Q
+
Performance Tuner
Output
Divider
(1,2,4,8)


Similar Part No. - PL680-37

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
PL68C ZSELEC-PL68C Datasheet
1Mb / 14P
ZENER DIODES
logo
STMicroelectronics
PL68Z STMICROELECTRONICS-PL68Z Datasheet
199Kb / 3P
ZENDER DIODES DIODES ZENDER
More results

Similar Description - PL680-37

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
38MHz-640MHz Low Phase Noise VCXO
PL580-68 PLL-PL580-68 Datasheet
281Kb / 10P
320-640MHz Low Phase Noise VCXO
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
750kHz -800MHz Low Phase Noise Multiplier XO
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
Abracon Corporation
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
320-640MHz Low Phase Noise VCXO
9/1/05
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
38-640MHz Low Phase Noise XO
9/1/05
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
Rugged XO/Low Phase Noise
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
Ultra Low Phase Noise XO / VCXO
10.05.15
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com