| Electronic Components Datasheet Search |
|
USBTO232+ Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
USBTO232+ Datasheet(HTML) 3 Page - Maxim Integrated Products |
|
3 / 8 page ![]() male cable. If the only available serial port uses a 25-pin connector, a standard 25-pin to 9-pin adapter is required. The EV kit software checks the modem status lines (CTS, DSR, DCD) to confirm that the correct port has been selected. 7) Start the MAX1132 program by opening its icon in the Start | Programs menu. 8) Turn on the power supply and slide SW1 to the ON position on the 68HC16MODULE-DIP module. Press the OK button to automatically connect and download the KIT1132.C16 file to the module. 9) Apply the input signal across the pins of JU2. Observe the readout on the screen. Detailed Description of Software The evaluation software main window controls the active control word bits, serial clock speed, and sam- ple rate. It displays the voltage and output code, as well as some statistics of the input signal. A separate graph window shows the data changing in real time. The update rate is limited to about 10 samples per sec- ond, due to COM port bandwidth limitations. Controls The control word is divided into several fields. To change the active control word, drop down the appro- priate field’s combo box and select the desired option. If the QSPI clock is set to STOP, the configuration data is not sent until the READ button is clicked. Statistics The minimum and maximum fields show the lowest and highest readings acquired. The average and RMS fields show the running mean and root-mean-square of the input signal. The Clear button resets the statistics. To remove offset errors, first apply zero volts to the active input channel, clear statistics, acquire some samples, and then check Tare. This offset is now sub- tracted from all subsequent voltage measurements. Sampling To sample data at rates up to 125ksps, select the Sample menu item, make your selections, and click the Begin Sampling button. Sample size is restricted to a power of two to permit FFT processing once the data is saved to a file. After the samples have been collected, the data is automatically uploaded to the host and is MAX1132 Evaluation Kit/Evaluation System _______________________________________________________________________________________ 3 JUMPER POSITION FUNCTION — 1-2 Operate JU1 Open SHDN is controlled by 68HC16 module — 2-3 Shutdown JU2 Closed Measure short circuit (zero volts) — Open Apply input signal at JU2 JU3 Closed Illegal — Open* Enable internal reference, or apply an external reference JU4 Closed Disable internal reference — Open* Enable internal reference — 1 User-programmable output pin P2 JU5 2 User-programmable output pin P1 — 3 User-programmable output pin P0 Table 1. Jumper Functions *Default configuration. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |