Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL102-15SC Datasheet(PDF) 8 Page - PhaseLink Corporation

Part # PLL102-15SC
Description  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL102-15SC Datasheet(HTML) 8 Page - PhaseLink Corporation

  PLL102-15SC Datasheet HTML 1Page - PhaseLink Corporation PLL102-15SC Datasheet HTML 2Page - PhaseLink Corporation PLL102-15SC Datasheet HTML 3Page - PhaseLink Corporation PLL102-15SC Datasheet HTML 4Page - PhaseLink Corporation PLL102-15SC Datasheet HTML 5Page - PhaseLink Corporation PLL102-15SC Datasheet HTML 6Page - PhaseLink Corporation PLL102-15SC Datasheet HTML 7Page - PhaseLink Corporation PLL102-15SC Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PLL102-15
Low Skew Output Buffe r
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/06/03 Page 8
REVISION HISTORY
06/20/01
Created from preliminary PLL102-05 and PLL102-04 Document
10/23/01
Removed Power Down mode in absence of REF (not supported in final version).
11/07/01
Added VDD = 3.3V in Electrical Specs for clarity.
11/29/01
Added Remark on REF clock absence on page 1
10/08/02
Change pass through modulation rate from 100kHz to 33kHz.
01/13/03
Changed Frequency range from “25-75MHz” to “25-60MHz” on Features section on page 1
Changed Supply Current (IDD) from Unloaded outputs at “66.67MHz” to “60MHz” on page 3
Changed Max. of Output Frequency from “75” to “60” on page 4
Deleted “Fout < 50.0MHz” for Duty Cycle (Dt2) and “Measured at 60MHz” for Cycle to Cycle Jitter
(Tcyc -cyc) of Switching Characteristics section on page 4
05/06/03
Bonding diagram modification to P102-15 (ICS553 compatible)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com