Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF512C Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF512C Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button AT25DF512C Datasheet HTML 21Page - Dialog Semiconductor AT25DF512C Datasheet HTML 22Page - Dialog Semiconductor AT25DF512C Datasheet HTML 23Page - Dialog Semiconductor AT25DF512C Datasheet HTML 24Page - Dialog Semiconductor AT25DF512C Datasheet HTML 25Page - Dialog Semiconductor AT25DF512C Datasheet HTML 26Page - Dialog Semiconductor AT25DF512C Datasheet HTML 27Page - Dialog Semiconductor AT25DF512C Datasheet HTML 28Page - Dialog Semiconductor AT25DF512C Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
24
AT25DF512C
DS-25DF512C–030E–2/2017
Figure 12-2. Read ID (Legacy Command)
12.3 Deep Power-Down
During normal operation, the device will be placed in the standby mode to consume less power as long as the CS pin
remains deasserted and no internal operation is in progress. The Deep Power-Down command offers the ability to place
the device into an even lower power consumption state called the Deep Power-Down mode.
When the device is in the Deep Power-Down mode, all commands including the Read Status Register command will be
ignored with the exception of the Resume from Deep Power-Down command. Since all commands will be ignored, the
mode can be used as an extra protection mechanism against program and erase operations.
Entering the Deep Power-Down mode is accomplished by simply asserting the CS pin, clocking in the opcode of B9h,
and then deasserting the CS pin. Any additional data clocked into the device after the opcode will be ignored. When the
CS pin is deasserted, the device will enter the Deep Power-Down mode within the maximum time of tEDPD.
The complete opcode must be clocked in before the CS pin is deasserted, and the CS pin must be deasserted on an
even byte boundary (multiples of eight bits); otherwise, the device will abort the operation and return to the standby mode
once the CS pin is deasserted. In addition, the device will default to the standby mode after a power-cycle.
The Deep Power-Down command will be ignored if an internally self-timed operation such as a program or erase cycle is
in progress. The Deep Power-Down command must be reissued after the internally self-timed operation has been
completed in order for the device to enter the Deep Power-Down mode.
Figure 12-3. Deep Power-Down
SCK
CS
SI
SO
MSB
23
1
0
00010101
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
OPCODE
MSB
01111
1
0
0
MSB
10010
1
1
0
MANUFACTURER
ID
DEVICE
CODE
HIGH-IMPEDANCE
SCK
CS
SI
SO
MSB
ICC
23
1
0
10111001
67
5
4
OPCODE
HIGH-IMPEDANCE
Standby Mode Current
Active Current
Deep Power-Down Mode Current
tEDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com