Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL103-07XM Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL103-07XM
Description  2 DIMM DDR Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-07XM Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL103-07XM Datasheet HTML 1Page - PhaseLink Corporation PLL103-07XM Datasheet HTML 2Page - PhaseLink Corporation PLL103-07XM Datasheet HTML 3Page - PhaseLink Corporation PLL103-07XM Datasheet HTML 4Page - PhaseLink Corporation PLL103-07XM Datasheet HTML 5Page - PhaseLink Corporation PLL103-07XM Datasheet HTML 6Page - PhaseLink Corporation PLL103-07XM Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary
PLL103-07
2 DIMM DDR Fanout Buffer
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/03/01 Page 6
3. Electrical Specifications (Continued)
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current
(DDR-only mode)
IDD
Unloaded outputs, 133MHz
TBM
mA
Supply Current
(SDRAM mode)
IDD
Unloaded outputs, 133MHz
TBM
mA
Supply Current
IDDS
PD = 0
TBM
mA
Output Crossing
Voltage
VOC
(VDD/2)
-0.1
VDD/2
(VDD/2)+
0.1
V
Output Voltage Swing
VOUT
0.7
VDD-0.4
V
Duty Cycle
DT
Measured @ 1.5V
45
50
55
%
Max. Operating
Frequency
66
170
MHz
Rising Edge Rate
TOR
Measured @
0.4V ~ 2.4V
1.0
1.5
2.0
V/ns
Falling Edge Rate
TOF
Measured @
2.4V ~ 0.4V
1.0
1.5
2.0
V/ns
DDR Rising Edge Rate
TOR
Measured between 20% to 80% of
output
0.25
0.6
1.0
V/ns
DDR Falling Edge Rate
TOF
Measured between 20% to 80% of
output
0.25
0.6
1.0
V/ns
Clock Skew(pin to pin)
TSKEW
All outputs equally loaded
100
ps
Stabilization Time
TST
0.1
ms
Note: TBM: To be measured



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com