Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL103-11 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL103-11
Description  Low Skew Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-11 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL103-11 Datasheet HTML 1Page - PhaseLink Corporation PLL103-11 Datasheet HTML 2Page - PhaseLink Corporation PLL103-11 Datasheet HTML 3Page - PhaseLink Corporation PLL103-11 Datasheet HTML 4Page - PhaseLink Corporation PLL103-11 Datasheet HTML 5Page - PhaseLink Corporation PLL103-11 Datasheet HTML 6Page - PhaseLink Corporation PLL103-11 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PLL103-11
Low Skew Buffers
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 11/07/00 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
SDRAM (0:5)
2,3,6,7,10,11
O
SDRAM Byte0 Clock outputs.
SDRAM (6:11)
18,19,22,
23,26,27
O
SDRAM Byte1 Clock outputs.
SDRAM 12
12
O
SDRAM Byte2 Clock outputs.
BUF_IN
9
I
Input for fanout buffers SDRAM (0:12).
SDATA
14
B
SCLK
15
I
Serial data inputs for serial interface port.
VDD
1,5,20,24,28
P
3.3V Power supply for SDRAM buffer.
VDD1
13
P
3.3V Power supply for I2C circuitry.
GND
4,8,17,21,25
P
Ground for SDRAM buffer.
GND1
16
P
Power supply for I2C circuitry.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com