Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P650-06SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P650-06SC
Description  Network LAN Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P650-06SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P650-06SC Datasheet HTML 1Page - PhaseLink Corporation P650-06SC Datasheet HTML 2Page - PhaseLink Corporation P650-06SC Datasheet HTML 3Page - PhaseLink Corporation P650-06SC Datasheet HTML 4Page - PhaseLink Corporation P650-06SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL650-06
Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• Full CMOS output swing with 40-mA output drive
capability. 25-mA output drive at TTL level.
• Advanced, low power, sub-micron CMOS processes.
• 25MHz fundamental crystal or clock input.
• One output fixed at 50MHz
• One selectable frequency output of 66.6 or 75MHz (with
Double Drive Strength output).
• Zero PPM synthesis error in all clocks.
• Ideal for Network switches.
• 3.3V operation.
•
Available in 8-Pin 150mil SOIC.
DESCRIPTION
The PLL 650-06 is a low cost, low jitter, and high
performance clock synthesizer. Using PhaseLink’s
proprietary analog Phase Locked Loop techniques, this
device can produce one 50MHz output clock and one
selectable 75MHz or 66.6MHz output clock from a single
low cost 25.0MHz crystal. This makes the PLL650-06 ideal
for networking applications.
PIN CONFIGURATION
*: bi-directional pin
+ : double strength output
FREQUENCY TABLE
FS
Pin 6
0
75MHz
1
66.6MHz
BLOCK DIAGRAM
XTAL
OSC
50MHz
XIN
XOUT
75MHz/66MHz
Control
Logic
FS
1
1
2
3
45
6
7
8
XIN
XOUT
GND
50MHz/FS*
VDD
75MHz+/66MHz+
VDD
GND


Similar Part No. - P650-06SC

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
P650-00-01 SENSATA-P650-00-01 Datasheet
775Kb / 3P
PLATFORM CONTROL SYSTEM FOR SLAB SCISSOR LIFT
Rev:02/13/25
logo
PhaseLink Corporation
P650-01XC PLL-P650-01XC Datasheet
219Kb / 7P
Low EMI Network LAN Clock
P650-01XI PLL-P650-01XI Datasheet
219Kb / 7P
Low EMI Network LAN Clock
P650-02XC PLL-P650-02XC Datasheet
228Kb / 6P
Low EMI Network LAN Clock
P650-05SC PLL-P650-05SC Datasheet
231Kb / 6P
Low EMI Network LAN Clock
More results

Similar Description - P650-06SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL650-02 ETC1-PLL650-02 Datasheet
100Kb / 6P
Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-03 PLL-PLL650-03 Datasheet
231Kb / 6P
Low EMI Network LAN Clock
PLL650-05 PLL-PLL650-05 Datasheet
231Kb / 6P
Low EMI Network LAN Clock
PLL650-07 PLL-PLL650-07 Datasheet
210Kb / 4P
LOW COST Network LAN Clock SOURCE
PLL650-08 PLL-PLL650-08 Datasheet
312Kb / 5P
Network LAN Clock Source
PLL650-10 PLL-PLL650-10 Datasheet
321Kb / 5P
Network LAN Clock for Gigabit Ethernet
PLL650-01 PLL-PLL650-01 Datasheet
219Kb / 7P
Low EMI Network LAN Clock
PLL650-09 PLL-PLL650-09 Datasheet
332Kb / 5P
Low Cost Network LAN Clock
PLL650-02 PLL-PLL650-02 Datasheet
228Kb / 6P
Low EMI Network LAN Clock
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
Network Clock Generator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com