Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL650-10SM Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL650-10SM
Description  Network LAN Clock for Gigabit Ethernet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-10SM Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL650-10SM Datasheet HTML 1Page - PhaseLink Corporation PLL650-10SM Datasheet HTML 2Page - PhaseLink Corporation PLL650-10SM Datasheet HTML 3Page - PhaseLink Corporation PLL650-10SM Datasheet HTML 4Page - PhaseLink Corporation PLL650-10SM Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRELIMINARY
PLL650-10
Network LAN Clock for Gigabit Ethernet
PIN DESCRIPTIONS
Name
Number
Type
Description
XIN
1
I
25MHz fundamental crystal input (20pF CL parallel resonant). CL have been
integrated into the chip. No external CL capacitor is required.
XOUT
2
O
Crystal connection pin.
125MHz
4,5
O
125MHz outputs.
VDD
6,8
P
3.3V power supply
GND
3,7
P
Ground.
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 12/10/02 Page 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com