Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P602-01HOC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P602-01HOC
Description  Low Phase Noise XO (24MHz to 50MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P602-01HOC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P602-01HOC Datasheet HTML 1Page - PhaseLink Corporation P602-01HOC Datasheet HTML 2Page - PhaseLink Corporation P602-01HOC Datasheet HTML 3Page - PhaseLink Corporation P602-01HOC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL602-01
Low Phase Noise XO (24MHz to 50MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• Low phase noise XO output for the 24MHz to
50MHz range (-135 dBc at 10kHz offset).
• 12 to 25MHz crystal input.
• Integrated crystal load capacitor: no external
load capacitor required.
• Low jitter (RMS): 3ps period jitter (1 sigma).
• Selectable High Drive (30mA) or Standard Drive
(10mA) output.
• 3.3V operation.
• Available in 8-Pin TSSOP or SOIC.
DESCRIPTION
The PLL602-01 is a low cost, high performance and
low phase noise XO, providing less than -135dBc at
10kHz offset in the 24MHz to 50MHz operating
range. The very low jitter (3ps RMS period jitter)
makes this chip ideal for applications requiring clean
reference frequency sources. Input crystal can range
from 12 to 25MHz (fundamental resonant mode).
PIN CONFIGURATION
^: Denotes internal pull-up
OUTPUT RANGE
MULTIPLIER
FREQUENCY
RANGE
OUTPUT
BUFFER
x2
24 - 50MHz
CMOS
BLOCK DIAGRAM
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
OE
XIN
XOUT
CLK
1
2
3
45
6
7
8
CLK
VDD
OE^
XIN
GND
N/C
XOUT
GND


Similar Part No. - P602-01HOC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P602-00DC PLL-P602-00DC Datasheet
174Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
P602-04HOC PLL-P602-04HOC Datasheet
201Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
P602-04HSC PLL-P602-04HSC Datasheet
201Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
P602-04OC PLL-P602-04OC Datasheet
201Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
P602-04SC PLL-P602-04SC Datasheet
201Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
More results

Similar Description - P602-01HOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL502-02 ETC1-PLL502-02 Datasheet
177Kb / 4P
Low Phase Noise VCXO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-27 PLL-PLL502-27 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-01 PLL-PLL502-01 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-02 PLL-PLL502-02 Datasheet
180Kb / 4P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL602-03 PLL-PLL602-03 Datasheet
200Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
Rugged XO/Low Phase Noise
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
logo
Abracon Corporation
ABV0202 ABRACON-ABV0202 Datasheet
56Kb / 4P
Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
ABX0201 ABRACON-ABX0201 Datasheet
54Kb / 4P
Low Phase Noise XO (24MHz to 50MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com