Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL650-04LILR Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL650-04LILR
Description  Low EMI Clock for 10/100 PHY and Gigabit Ethernet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-04LILR Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL650-04LILR Datasheet HTML 1Page - PhaseLink Corporation PLL650-04LILR Datasheet HTML 2Page - PhaseLink Corporation PLL650-04LILR Datasheet HTML 3Page - PhaseLink Corporation PLL650-04LILR Datasheet HTML 4Page - PhaseLink Corporation PLL650-04LILR Datasheet HTML 5Page - PhaseLink Corporation PLL650-04LILR Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
PLL650-04
Low EMI Clock for 10/100 PHY and Gigabit Ethernet
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 05/31/05 Page 3
Connecting a selection pin to a logical “one”
The output enable and spread spectrum selection pins have an internal pull-up resistor (60k
Ω for all selection pins except for
pin 2 (SSTE), which has a 120k
Ω internal pull-up). This internal pull-up resistor will pull the input value to a logical “one” (pull-
up) by default, i.e. when no resistive load is connected between the pin and GND. No external pull-up resistor is therefore
required for connecting a logical “one” upon power-up. Note: when the output load presents a low impedance in comparison to
the internal pull-up resistor, the internal pull-up resistor may not be sufficient to pull the input up to a logical “one”, and an
external pull-up resistor may be required.
Connecting a selection pin to a logical “zero”
Connecting the bi-directional pin to a logical “zero” does require the use of an external loading resistor between the pin and
GND that has to be sufficiently small (compared to the internal pull-up resistor) so that the pin voltage be pulled below 0.8V
(logical “zero”). In order to avoid loading effects when the pin serves as output, the value of the external pull-down resistor
should however be kept as large as possible. In general, it is recommended to use an external resistor of around one sixth to
one quarter of the internal pull-up resistor (see Application Diagram). Note: when the output is used to drive a load presenting
an small resistance between the output pin and VDD, this resistance is in essence connected in parallel to the internal pull-up
resistor. In such a case, the external pull-down resistor may have to be dimensioned smaller to guarantee that the pin voltage
will be low enough achieve the desired logical “zero”. This is particularly true when driving 74FXX TTL components.
Selecting the output frequency (CLKOUT) with the tri-level selection pin
The CLKOUT frequency is selected with the tri-level FS(0:1) input pins, as per the frequency selection table on page 1. Unlike
the other bi-level selection pins, the tri-level input pins are in the “M” (mid) state when not connected. In order to connect a tri-
level pin to a logical “zero”, the pin must be connected to GND. Similarly, in order to connect a tri-level pin to a logical “one”, the
pin must be connected to VDD. No external pull-up or pull-down resistor is required with the tri-level selector pins.
APPLICATION DIAGRAM
Latch
Power Up
Reset
Jumper options
R
UP/4
Clock Load
Latched
Input
Output
EN
VDD
R
up
Bi-directional pin
R
RB
NOTE: Rup=120k
Ω for SSTE (Pin2); Rup=60k Ω for 25M_EN (Pin18). R starts from 1 to 0 while RB starts from 0 to 1.
Internal to chip
External Circuitry



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com