Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3522B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3522B
Description  All Critical Peripheral Components Included
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3522B Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3522B Datasheet HTML 1Page - Maxim Integrated Products MAX3522B Datasheet HTML 2Page - Maxim Integrated Products MAX3522B Datasheet HTML 3Page - Maxim Integrated Products MAX3522B Datasheet HTML 4Page - Maxim Integrated Products MAX3522B Datasheet HTML 5Page - Maxim Integrated Products MAX3522B Datasheet HTML 6Page - Maxim Integrated Products MAX3522B Datasheet HTML 7Page - Maxim Integrated Products MAX3522B Datasheet HTML 8Page - Maxim Integrated Products MAX3522B Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX3522B
MAX3522B Evaluation Kit
Detailed Description of Hardware
(or Software)
Gain Calculation
A minimum loss pad (MLP R18/R17) after the input port
(J1) transforms the 50Ω test equipment impedance to
100Ω input transformer (T3) impedance, with a voltage loss
of 4.7dB. T3 converts the unbalanced 100Ω impedance
to a balanced 100Ω, matching the overall impedance
of input of the MAX3522B (200Ω) paralleled with 200Ω
resistor (R12 + R13). The power loss of T3 is approximately
0.5dB across the operating frequency range of the
MAX3522B. So the total voltage loss due to T3 and MLP
(R17/R18 ) is 5.2 dB.
T3 and MLP (R17/R18 ) are included to assist in evaluation
of the IC using standard 50Ω lab equipment. They are not
required for most applications.
The 1:4 impedance output transformer (T1 or T2) provides
6dB voltage gain, which is included in overall MAX3522B
voltage gain specified in the IC data sheet.
A minimum loss pad (MLP R5/R6 or R7/R8) after the
output of T1 or T2 transforms the 75Ω output impedance
of the T1/T2 to 50Ω test equipment impedance, with a
voltage loss of 7.5dB. To calculate the voltage gain of the
MAX3522B between J1 and J2 or between J1 and J3:
Voltage Gain = POUT(dBm) + 7.5dB (MLP) - [PIN(dBm)
- 5.2dB (T3/MLP)]
= POUT(dBm) - PIN(dBm) + 12.7dB
The voltage gain should be between 24.2dB and 26.2dB
under gain code 63.
Layout Considerations
The MAX3522B is a high-performance RF amplifier. PCB
layout and external component selection is critical to
achieve specified performance. We strongly recommend
the user to follow the EV kit PCB layout, including number
and placement of ground throughputs, internal layer
geometry, and component size, as closely as possible.
Keep RF signal lines as short as possible to minimize
losses and radiation. This is especially true for the output
traces between the MAX3522B and transformers T1/T2.
To minimize second-order distortion, traces in the balanced
input and output circuitry should be as symmetric as
possible. The exposed pad must be soldered evenly
to the board’s ground plane for proper operation. Use
abundant throughputs beneath the exposed pad, and
surrounding area for maximum heat dissipation. Use
abundant ground throughputs between RF traces to
minimize undesired coupling.
To minimize coupling between different sections of the
device, the ideal power-supply layout is a star configuration,
which has a large decoupling capacitor at the central
VCC node. The VCC traces branch out from this node,
with each trace going to separate VCC pins of the device.
Each VCC pin must have a bypass capacitor with low
impedance to ground at the frequency of interest. Do
not share ground vias among multiple connections to the
PCB ground plane.
Component Suppliers
SUPPLIER
WEBSITE
Emerson Network Power
www.emersonnetworkpower.com
Keystone Electronics Corp.
www.keyelco.com
Murata Americas
www.murata.com
MACOM
www.macom.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com