Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMT550-R200-IEP-IO-V1 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OMT550-R200-IEP-IO-V1
Description  Distance sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMT550-R200-IEP-IO-V1 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OMT550-R200-IEP-IO-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMT550-R200-IEP-IO-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMT550-R200-IEP-IO-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMT550-R200-IEP-IO-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OMT550-R200-IEP-IO-V1 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Distance sensor
OMT550-R200-IEP-IO-V1
4
The analog output type can be configured as voltage or current output via IO-Link.
The following output types are available:
• Analog output 0 mA ...20 mA
• Analog output 4 mA ...20 mA
• Analog output 0 V ...10 V
The following operating modes are available:
• Absolute mode (default setting)
• Normalized mode
• Rising slope
• Falling slope
The following substitute values can optionally be configured:
• No substitute values used (default setting)
• Substitute value for "no measured value" used
• Substitute value for "no measured value" and "Measuring overrange" used
The sensor's tolerances are based on the digital process data.
0
Analog value
Distance
Max. distance
Min. distance
Absolute mode (default setting, A and B = deleted)
No measurement data
0
A/B
Analog value
Distance
Max. distance
Min. distance
Normal mode ( A and B without teach-in / deleted)
No measurement data
0
AB
Analog value
Distance
Max. distance
Min. distance
Rising slope (A < B)
No measurement data



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com