Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL602-38OCLR Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL602-38OCLR
Description  750kHz -800MHz Low Phase Noise Multiplier XO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-38OCLR Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL602-38OCLR Datasheet HTML 1Page - PhaseLink Corporation PLL602-38OCLR Datasheet HTML 2Page - PhaseLink Corporation PLL602-38OCLR Datasheet HTML 3Page - PhaseLink Corporation PLL602-38OCLR Datasheet HTML 4Page - PhaseLink Corporation PLL602-38OCLR Datasheet HTML 5Page - PhaseLink Corporation PLL602-38OCLR Datasheet HTML 6Page - PhaseLink Corporation PLL602-38OCLR Datasheet HTML 7Page - PhaseLink Corporation PLL602-38OCLR Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PLL602-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 1
FEATURES
• Selectable 750kHz to 800MHz range.
• Low phase noise output (@ 10kHz frequency
offset, -140dBc/Hz for 19.44MHz, -127dBc/Hz for
106.25MHz, -125dBc/Hz for 155.52MHz, -
110dBc/Hz for 622.08MHz).
• CMOS (PLL602-37), PECL (PLL602-35 and
PLL602-38) or LVDS (PLL602-39) output.
• 12 to 25MHz crystal input.
• No external load capacitor required.
• Output Enable selector.
• Selectable 1/16 to 32x frequency multiplier.
• 3.3V operation.
• Available in 16-Pin (TSSOP or 3x3mm QFN).
DESCRIPTION
The PLL602-35 (PECL with inverted OE), PLL602-37
(CMOS), PLL602-38 (PECL), and PLL602-39 (LVDS)
are high performance and low phase noise XO IC
chips. They provide phase noise performance as low
as –125dBc at 1kHz offset (at 155MHz) and a typical
RMS jitter of 4pS RMS ( at 155MHz ). They accept
fundamental parallel resonant mode crystals from 12
to 25MHz.
BLOCK DIAGRAM
PIN CONFIGURATION
(Top View)
^: Internal pull-up
*: On 3x3 package, PLL602-35/-38 do not have SEL0 available: Pin
10 is VDD, pin 11 is GND. However, PLL602-37/-39 have SEL0
(pin 10), and pin 11 is VDD. See pin assignment table for details.
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
0 (Default)
Output enabled
PLL602-38
1
Tri-state
0
Tri-state
PLL602-35
PLL602-37
PLL602-39
1 (Default)
Output enabled
OE input: Logical states defined by PECL levels for PLL602-38
Logical states defined by CMOS levels for
PLL602-35/-37/-39
1
2
3
4
5
6
7
8
VDD
9
10
11
12
13
14
15
16
XIN
XOUT
SEL3^
SEL2^
OE
GND
GND
SEL0^
SEL1^
GND
CLKC
VDD
CLKT
GND
GND
PLL602-3X
GND
VDD
CLKT
CLKC
12
3
4
12
11
10
9
13
14
15
16
8
7
6
5
SEL3^
XOUT
SEL2^
OE
XIN
XOUT
OE
Q
PLL602-3x
Q
PLL by-pass
SEL
PLL
(Phase
Locked
Loop)
Oscillator
Amplifier


Similar Part No. - PLL602-38OCLR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
4x Low Phase Noise Multiplier PECL XO
PLL602-38NSCL PLL-PLL602-38NSCL Datasheet
196Kb / 4P
4x Low Phase Noise Multiplier PECL XO
PLL602-38NSCL-R PLL-PLL602-38NSCL-R Datasheet
196Kb / 4P
4x Low Phase Noise Multiplier PECL XO
More results

Similar Description - PLL602-38OCLR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
4x Low Phase Noise Multiplier PECL XO
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
ABX0235 ABRACON-ABX0235 Datasheet
289Kb / 8P
750kHz - 800MHz Low Phase Noise Multiplier XO
03/21/05
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
Rugged XO/Low Phase Noise
logo
Micrel Semiconductor
PL602-35 MICREL-PL602-35 Datasheet
473Kb / 10P
750kHz ??800MHz Low Phase Noise Multiplier XO
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
750kHz ??800MHz Low Phase Noise Multiplier VCXO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com