Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL2201 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # TGL2201
Description  Wideband Dual Stage VPIN Limiter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGL2201 Datasheet(HTML) 3 Page - Qorvo, Inc

  TGL2201 Datasheet HTML 1Page - Qorvo, Inc TGL2201 Datasheet HTML 2Page - Qorvo, Inc TGL2201 Datasheet HTML 3Page - Qorvo, Inc TGL2201 Datasheet HTML 4Page - Qorvo, Inc TGL2201 Datasheet HTML 5Page - Qorvo, Inc TGL2201 Datasheet HTML 6Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TGL2201
Wideband Dual Stage VPIN Limiter
Data Sheet Rev. C
– January, 2021
- 3 of 6 -
www.qorvo.com
Performanc
e Plots 
Test conditions unless otherwise noted: Temp. = 25 °C
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
3
6
9
12
15
18
21
24
27
30
Frequency (GHz)
-24
-21
-18
-15
-12
-9
-6
-3
0
8
10
12
14
16
18
20
22
24
26
9
12
15
18
21
24
27
30
33
36
Input Power (dBm)
Data taken @ 10 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com