Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # IMX35
Description  35 Watt Quad-Output DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX35 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  IMX35 Datasheet HTML 1Page - Bel Fuse Inc. IMX35 Datasheet HTML 2Page - Bel Fuse Inc. IMX35 Datasheet HTML 3Page - Bel Fuse Inc. IMX35 Datasheet HTML 4Page - Bel Fuse Inc. IMX35 Datasheet HTML 5Page - Bel Fuse Inc. IMX35 Datasheet HTML 6Page - Bel Fuse Inc. IMX35 Datasheet HTML 7Page - Bel Fuse Inc. IMX35 Datasheet HTML 8Page - Bel Fuse Inc. IMX35 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD20009-G Rev F, 20-Nov-2020
Page 4 of 16
IMX35 Series
35 Watt Quad-Output DC-DC Converter
© 2020 Bel Power Solutions & Protection
Electrical Input Data
General conditions:
T
A = 25 °C, unless specified
Pins 8 (shutdown or i), 6 (W), 5 (Trim or Trim1), and 1 (PUL) left open-circuit (not connected), unless specified.
Table 2: Input Data
Model
20IMX35
40IMX35
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
V
i
Input voltage range 1
T
A min to TA max,
I
o = 0 to Io nom
9 2
36
18 2
75
V
V
i nom
Nominal input voltage
20
40
V
i sur
Repetitive surge voltage
Abs. max input (3 s)
40
100
t
start-up
Converter
start-up time 2
Switch on
Worst case condition at V
i min,
and full load
0.25
0.5
0.25
0.5
s
SD high
0.1
0.1
t
rise
Rise time 3
V
i nom, resistive load
3
3
ms
I
o nom, capacitive load
6
12
6
12
I
i o
No-load input current
I
o = 0, Vi min to Vi max
70
50
mA
I
i rr
Reflected ripple current
I
o = 0 to I o nom
30
30
mA
pp
I
i inr p
Inrush peak current 4
V
i = Vi nom
8
9
A
C
i
Input capacitance
For surge calculation
2
1.3
µF
V
SD
Shutdown voltage
Converter disabled
-10 to +0.7
-10 to +0.7
V
Converter operating
open circuit or 2 to 20
open circuit or 2 to 20
R
SD
Shutdown input resistance
approx. 10
approx. 10
kΩ
I
SD
Input current during shutdown
V
i min to Vi max
12
6
mA
f
s
Switching frequency
V
i min to Vi max, Io = 0 to I o nom
220
240
220
240
kHz
Model
70IMX35
110IMX35
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
V
i
Input voltage range 1
T
A min to TA max,
I
o = 0 to Io nom
40 2
121
60 2
150 5
V
V
i nom
Nominal input voltage
70
110
V
i sur
Repetitive surge voltage
Abs. max input (3 s)
150
170
t
start-up
Converter
start-up time 2
Switch on
Worst case condition at V
i min,
and full load
0.25
0.5
0.4
0.7
s
SD high
0.1
0.1
t
rise
Rise time 3
V
i nom, resistive load
3
3
ms
I
o nom, capacitive load
6
12
6
12
I
i o
No-load input current
I
o = 0, Vi min to Vi max
30
20
mA
I
i rr
Reflected ripple current
I
o = 0 to I o nom
30
30
mA
pp
I
i inr p
Inrush peak current 4
V
i = Vi nom
7
7
A
C
i
Input capacitance
For surge calculation
0.5
0.5
µF
V
SD
Shutdown voltage
Converter disabled
-10 to +0.7
-10 to +0.7
V
Converter operating
open circuit or 2 to 20
open circuit or 2 to 20
R
SD
Shutdown input resistance
approx. 10
approx. 10
kΩ
I
SD
Input current during shutdown
V
i min to Vi max
5
5
mA
f
s
Switching frequency
V
i min to Vi max, Io = 0 to I o nom
220
240
225 6
kHz
1
V
i min will not be as stated, if Vo is increased above Vo nom by use of Trim input. If the output voltage is set to a higher value, Vi min will be
proportionately increased.
2
Input undervoltage lockout at typ. 85% of V
i min.
3
Measured with resistive and max. admissible capacitive load.
4
Source impedance according to ETS 300132-2, version 4.3.
5
154 V during 2 s
6
Revision BA or later. Older converters had f
s ≤ 240 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com