Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDD3 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDD3
Description  3W DIN Rail DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDD3 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDD3 Datasheet HTML 1Page - Bel Fuse Inc. LDD3 Datasheet HTML 2Page - Bel Fuse Inc. LDD3 Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
LDD3-1205
tech.support@psbel.com
LDD3-1205
12 VDC (9 - 18 VDC)
0.6 A
5 VDC
0.6 A
Technical parameters are typical, measured in laboratory environment at 25°C and 12 VDC, at nominal values, after minimum
5 minutes of operation.
Input DC Voltage
Rated
Operating
12 VDC
9 - 18 VDC
Input DC Current
0.6 A
Internal Protection Fuse
Not user replaceable
Fuse 1.25 AT / 250 VAC
Output Power
3 W
Rated Voltage
5 VDC (± 3% max.)
Continuous Current
0.6 A
Overload Limit
0.85 A
Short Circuit Peak Current
1.1 A
Load Regulation
≤ 1%
Ripple & Noise1
≤ 30 mVpp
Hold up Time
≥ 10 ms
Protections
Overload, short circuit with hiccup mode
Status Signals
Green LED = DC OK
Parallel Connection
Possible for redundancy (with external ORing module)
Efficiency
> 68%
Dissipated Power
< 1.4 W
1
Ripple and Noise are measured with 20 MHz bandwidth, probe terminated with a 0.1
μF MKP parallel capacitor.
NOTE: Power rating, losses, efficiency, ripple, thermal behaviour and start-up may change outside of the nominal rated input range.
Contact factory for details.
Temperature
Operating (Start-up type tested: - 40°C)*
Storage
- 40°C to + 70°C
- 40°C to + 80°C
Derating
0.08 W/°C over 60°C
Humidity
Non-condensing
5 - 95% RH
Life Time Expectancy
At 25°C ambient full load
211118 h (24.1 years)
Overvoltage Category
Pollution Degree
I (EN50178)
2 (IEC60664-1)
Protection Class
Class II
Isolation Voltage
Input to Output
1.5 kVDC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com