Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL602-35QILR Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL602-35QILR
Description  750kHz -800MHz Low Phase Noise Multiplier XO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-35QILR Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL602-35QILR Datasheet HTML 1Page - PhaseLink Corporation PLL602-35QILR Datasheet HTML 2Page - PhaseLink Corporation PLL602-35QILR Datasheet HTML 3Page - PhaseLink Corporation PLL602-35QILR Datasheet HTML 4Page - PhaseLink Corporation PLL602-35QILR Datasheet HTML 5Page - PhaseLink Corporation PLL602-35QILR Datasheet HTML 6Page - PhaseLink Corporation PLL602-35QILR Datasheet HTML 7Page - PhaseLink Corporation PLL602-35QILR Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PLL602-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 3
PIN DESCRIPTIONS PLL602-37/-39 (see previous page of PLL602-35/-38)
Name
TSSOP
Pin number
3x3mm QFN
Pin number
Type
Description
XIN
2
12
I
Crystal input. See Crystal Specifications on page 3.
XOUT
3
13
I
Crystal output. See Crystal Specifications on page 3.
OE
6
16
I
Output enable pin (see OE logic state table on page 1).
GND
7,8,9,10,14
1,2,3,4,8
P
Ground.
CLKT
11
5
O
True output LVDS (PLL602-39)
(N/C for PLL602-37)
CLKC
13
7
O
Complementary output LVDS (PLL602-39)
(CMOS out for PLL602-37).
SEL0
16
10
I
SEL1
15
9
I
SEL2
5
15
I
SEL3
4
14
I
Multiplier selector pins. These pins have an internal pull-up
that will default SEL to ‘1’ when not connected to GND.
VDD
1, 12
6,11
P
Power Supply.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other con-
ditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
12
25
MHz
Crystal Loading Rating
CL (xtal)
20
pF
Recommended ESR
RE
AT cut
30
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com