Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1789618 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1789618
Description  PCB terminal block - FFKDSA1/V-2,54- 2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1789618 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1789618 Datasheet HTML 1Page - PHOENIX CONTACT 1789618 Datasheet HTML 2Page - PHOENIX CONTACT 1789618 Datasheet HTML 3Page - PHOENIX CONTACT 1789618 Datasheet HTML 4Page - PHOENIX CONTACT 1789618 Datasheet HTML 5Page - PHOENIX CONTACT 1789618 Datasheet HTML 6Page - PHOENIX CONTACT 1789618 Datasheet HTML 7Page - PHOENIX CONTACT 1789618 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1789618
09/09/2021   Page 6 / 8
PCB terminal block - FFKDSA1/V-2,54- 2 - 1789618
Classifications
UNSPSC
UNSPSC 11
39121432
UNSPSC 12.01
39121432
UNSPSC 13.2
39121432
UNSPSC 18.0
39121432
UNSPSC 19.0
39121432
UNSPSC 20.0
39121432
UNSPSC 21.0
39121432
Approvals
Approvals
Approvals
CSA / EAC / cULus Recognized
Ex Approvals
Approval details
CSA 
 http://www.csagroup.org/services-industries/product-listing/
 13631
 
B
Nominal voltage UN
150 V
Nominal current IN
6 A
mm²/AWG/kcmil
20
EAC 
 
 B.01687
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-19870330
 
B
Nominal voltage UN
150 V
Nominal current IN
6 A
mm²/AWG/kcmil
26-20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com