Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SES-2AA-C/E2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # SES-2AA-C/E2
Description  Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SES-2AA-C/E2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  SES-2AA-C/E2 Datasheet HTML 1Page - M-System Co.,Ltd. SES-2AA-C/E2 Datasheet HTML 2Page - M-System Co.,Ltd. SES-2AA-C/E2 Datasheet HTML 3Page - M-System Co.,Ltd. SES-2AA-C/E2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: SES
SES SPECIFICATIONS
ES-1646 Rev.3 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
HIGH/LOW SELECTOR
(isolated)
Functions & Features
• Monitoring two DC input signals and transmitting an
output signal proportional to the higher or lower input
• LCD meter indicates the selected input signals
(engineering unit display selectable)
• Simple loop test output (0 % and 100 %)
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Selecting greater flow, pressure, etc. for control
• Heating control by multiple T/C’s on a furnace
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: SES–[1][2][3]–[4][5]
ORDERING INFORMATION
• Code number: SES-[1][2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. SES-1AA-B/E2Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] SELECTING FUNCTION
1: Low input
2: High input
[2] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[3] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 100 Ω min.)
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
4W: -10 – +10 V DC (Load resistance 2000 Ω min.)
5W: -5 – +5 V DC (Load resistance 1000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[4] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC (Not selectable with Option /E2.)
[5] OPTIONS (multiple selections)
LCD Meter (after selection)
blank: Without
/E: With (0.0 - 100.0 % display)
/E2: With (in engineering unit with backlight and the
simple loop test output)
Other Options
blank: none
/Q: Option other than the above (specify the specification)


Similar Part No. - SES-2AA-C/E2

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SES-116 SOVICO-SES-116 Datasheet
1Mb / 1P
EMERGENCY SWITCHER
More results

Similar Description - SES-2AA-C/E2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com