Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SES-2BA-C/E2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # SES-2BA-C/E2
Description  Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SES-2BA-C/E2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  SES-2BA-C/E2 Datasheet HTML 1Page - M-System Co.,Ltd. SES-2BA-C/E2 Datasheet HTML 2Page - M-System Co.,Ltd. SES-2BA-C/E2 Datasheet HTML 3Page - M-System Co.,Ltd. SES-2BA-C/E2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: SES
SES SPECIFICATIONS
ES-1646 Rev.3 Page 2/4
http://www.m-system.co.jp/
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Selecting operation: Automatic
Simple loop test output: 0 % and 100 % signal simulated by
selecting the front switch positions. (Only for option code
/E2)
■ DISPLAY (LCD meter)
• Option code: /E
LCD digital display: 0.0 - 100.0 % (min. digit 0.1 %)
(No scaling)
• Option code: /E2
LCD digital display: Engineering unit
Display scaling: -10000 – +10000
Decimal position: 10-1 - 10-4 or no decimal point
Engineering unit: %, μV, mV, V, mA, A, °C, °F, Ω, DEG K,
mHz, Hz, kHz, VAC, AAC, mg, g, kg, t, rpm or rps selectable
Back light: Green at normal, red at loop test output enable
Factory setting: scaling 0.00 - 100.00, unit: %
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 10 mA max.; 5 mA for
negative voltage output; at ≥ 0.5 V
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %, 50/60 ±2 Hz,
approx. 2 VA
(approx. 3 VA with Option /E2)
•DC: Operational voltage range: rating ±10 %, or 85 – 150 V
for 110 V rating ripple 10 %p-p max.
approx. 2.5 W (110 mA at 24 V; approx. 3.5 W with Option
/E2)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 %
Display accuracy: ± (0.2 % of FS + 1 digit)
Simple loop test output setting accuracy: ±0.5 %
Selecting sensitivity: 0.5%
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com