Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W2PE-1FC-M2/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # W2PE-1FC-M2/CE
Description  Space-saving Dual Output Signal Conditioners Mini-MW Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2PE-1FC-M2/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  W2PE-1FC-M2/CE Datasheet HTML 1Page - M-System Co.,Ltd. W2PE-1FC-M2/CE Datasheet HTML 2Page - M-System Co.,Ltd. W2PE-1FC-M2/CE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: W2PE
W2PE SPECIFICATIONS
ES-5506 Rev.8 Page 1/3
http://www.m-system.co.jp/
Space-saving Dual Output Signal Conditioners
Mini-MW Series
PT TRANSMITTER
(RMS sensing)
Functions & Features
• Converts an alternating voltage input from a potential
(voltage) transformer
• Minimum ripple
• RMS sensing
• Two independent output ranges
Typical Applications
• Centralized monitoring and control of power line and
power supply voltage measured at switch boards
• Monitoring abnormal voltage drops for detecting overload
Model
SPAN
ZERO
SPAN
ZERO
88.5
(3.49)
29.5 (1.16)
124
(4.88)
mm (inch)
MODEL: W2PE–[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: W2PE-[1][2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. W2PE-1AA-M2/CE/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
Note: When the user requires a current and a voltage
output, specify the current to be the Output 1 which allows
a greater load.
[1] INPUT
Voltage
1: 0 – 110 V AC
5: 0 – 150 V AC
[2] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] OUTPUT 2
Y: None
Current
A: 4 – 20 mA DC (Load resistance 350 Ω max.)
B: 2 – 10 mA DC (Load resistance 700 Ω max.)
C: 1 – 5 mA DC (Load resistance 1400 Ω max.)
D: 0 – 20 mA DC (Load resistance 350 Ω max.)
E: 0 – 16 mA DC(Load resistance 430 Ω max.)
F: 0 – 10 mA DC (Load resistance 700 Ω max.)
G: 0 – 1 mA DC (Load resistance 7000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
Same range availability as Output 1
[4] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(90 – 264 V for UL)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
(Select ‘/N’ for ‘Standards & Approvals’ code.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(110 V ±10 % for UL)


Similar Part No. - W2PE-1FC-M2/CE

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
W2P TEC-W2P Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
M-System Co.,Ltd.
W2PA MSYSTEM-W2PA Datasheet
108Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
logo
TE Connectivity Ltd
W2PA TEC-W2PA Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
M-System Co.,Ltd.
W2PA-10A-M2/CE MSYSTEM-W2PA-10A-M2/CE Datasheet
108Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2PA-10A-M2/N MSYSTEM-W2PA-10A-M2/N Datasheet
108Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
More results

Similar Description - W2PE-1FC-M2/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
W2PP MSYSTEM-W2PP Datasheet
121Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2MST MSYSTEM-W2MST Datasheet
113Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2DYS MSYSTEM-W2DYS Datasheet
111Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2DYH2 MSYSTEM-W2DYH2 Datasheet
113Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2CA MSYSTEM-W2CA Datasheet
109Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2SP MSYSTEM-W2SP Datasheet
114Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2TG MSYSTEM-W2TG Datasheet
110Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2TS MSYSTEM-W2TS Datasheet
121Kb / 5P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2VS MSYSTEM-W2VS Datasheet
116Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XT MSYSTEM-W2XT Datasheet
135Kb / 5P
Space-saving Dual Output Signal Conditioners Mini-MW Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com