Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

533009 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 533009
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

533009 Datasheet(HTML) 1 Page - Festo Corporation.

  533009 Datasheet HTML 1Page - Festo Corporation. 533009 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MDH-5/2-D-3-M12-C
Part number: 533009
Data sheet
Feature
Value
Valve function
5/2, monostable
Actuation type
Electrical
Width
65 mm
Standard nominal flow rate
4500 l/min
Pneumatic working port
Sub-base, size 3 as per ISO 5599-1
G1/2
Operating voltage
24V DC
Operating pressure
2 bar ... 10 bar
Design
Piston gate valve
Reset method
Pneumatic spring
Degree of protection
IP65
Nominal width
14.5 mm
Width dimension
71 mm
Type code
MDH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 5599-1
Manual override
Non-detenting
ISO code
351
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991049
Lap
Overlap
Switching time off
57 ms
On switching time
54 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
3800 µs
Max. negative test pulse on 1 signal
4900 µs
Coil characteristics
24 V DC: 2.7 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
9/16/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 533009

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
533001B02551G AAVID-533001B02551G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
533002B02551G AAVID-533002B02551G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
logo
Festo Corporation.
533005 FESTO-533005 Datasheet
97Kb / 2P
Air solenoid valve
logo
FIBOX Enclosing innovat...
5330059 FIBOX-5330059 Datasheet
445Kb / 2P
Enclosure, PC
11.01.2023
logo
Festo Corporation.
533006 FESTO-533006 Datasheet
97Kb / 2P
Air solenoid valve
More results

Similar Description - 533009

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com