Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5391 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5391
Description  PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5391 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5391 Datasheet HTML 1Page - Maxim Integrated Products MAX5391 Datasheet HTML 2Page - Maxim Integrated Products MAX5391 Datasheet HTML 3Page - Maxim Integrated Products MAX5391 Datasheet HTML 4Page - Maxim Integrated Products MAX5391 Datasheet HTML 5Page - Maxim Integrated Products MAX5391 Datasheet HTML 6Page - Maxim Integrated Products MAX5391 Datasheet HTML 7Page - Maxim Integrated Products MAX5391 Datasheet HTML 8Page - Maxim Integrated Products MAX5391 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MAX5391L/MAX5391N Evaluation Systems
________________________________________________________________________________________ _ 3
Quick Start
Required Equipment
• MAX5391L or MAX5391N EV system
MAX5391L/MAX5391N EV kit
MINQUSB+ command module (USB cable
included)
• User-supplied Windows 2000, Windows XP, or
Windows Vista PC with a spare USB port
• One or two multimeters
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold_and_under-
lined refers to items from the Windows operating system.
Procedure
The MAX5391L/MAX5391N EV kits are fully assembled
and tested. Follow the steps below to verify board opera-
tion:
1)
Visit www.maxim-ic.com/evkitsoftware_ to down-
load the latest version of the EV kit software, 5391_
Rxx.ZIP. Save the EV kit software to a temporary
folder and uncompress the ZIP file.
2)
Install the EV kit software on the computer by run-
ning the INSTALL.EXE program inside the tempo-
rary folder. The program files are copied and icons
are created in the Windows Start_|_Programs menu.
3)
Verify that shunts are correctly installed on the
jumpers, as listed in Table 1, for proper operation
of the EV kit.
4)
Connect the multimeters to measure voltages
across the MAX5391L/MAX5391N (U2) WA and LA
PCB pads and WB and LB PCB pads.
5)
Connect the MINIQUSB+ interface board to the EV
kit J2 and J3 connectors.
6)
Connect the included USB cable from the PC to
the MINIQUSB+ interface board. A Building_Driver_
Database window pops up in addition to a New_
Hardware_ Found message when installing the
USB driver for the first time. If a window is not seen
that is similar to the one described above after
30s, remove the USB cable from the board and
reconnect it. Administrator privileges are required
to install the USB device driver on Windows 2000,
Windows XP, and Windows Vista.
7)
Follow the directions of the Add_ New_ Hardware_
Wizard to install the USB device driver. Choose the
Search_for_the_best_driver_for_your_device option.
Specify the location of the device driver to be
C:\Program_Files\MAX5391L or C:\Program_Files\
MAX5391N (default installation directory) using the
Browse button. During device driver installation,
Windows may show a warning message indicating
that the device driver Maxim uses does not contain
a digital signature. This is not an error condition
and it is safe to proceed with installation. Refer to
the USB_Driver_Help.PDF document included with
the software if you have problems during this step.
8)
Start the EV kit software by opening its icon in the
Start_|_Programs menu.
9)
Observe as the program automatically detects the
USB connection and starts the main program.
10) Using the Device_ Connected combo box, select
MAX5391 from the list and then press the Default
button. The EV kit software main window appears,
as shown in Figure 1.
11) The EV kit is now ready for additional testing.
MAX5391L/MAX5391N
EV Kit Files
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on the
computer
MAX5391L.EXE
Application programs
MAX5391N.EXE
FTD2XX.INF
USB driver file
UNINST.INI
Uninstalls the EV kit software
USB_Driver_Help.PDF
USB driver installation help file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com