Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL620-30DC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL620-30DC
Description  PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-30DC Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL620-30DC Datasheet HTML 1Page - PhaseLink Corporation PLL620-30DC Datasheet HTML 2Page - PhaseLink Corporation PLL620-30DC Datasheet HTML 3Page - PhaseLink Corporation PLL620-30DC Datasheet HTML 4Page - PhaseLink Corporation PLL620-30DC Datasheet HTML 5Page - PhaseLink Corporation PLL620-30DC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL620-30
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 11/09/04 Page 1
FEATURES
• 65MHz to 130MHz Crystal input.
• Output range: 32.5MHz – 130MHz (no PLL).
• Low Injection Power for crystal, 50uW.
• Complementary outputs: PECL or LVDS.
• Selectable OE Logic
• Supports 2.5V or 3.3V-Power Supply.
• Available in die form.
• Thickness 10 mil.
DESCRIPTION
The PLL620-30 is a XO IC specifically designed to
drive fundamental or 3rd OT crystals from 65MHz to
130MHz, with selectable PECL or LVDS outputs and
OE logic (enable high or enable low). Its design was
optimized to tolerate higher limits of interelectrode
capacitance and bonding capacitance to improve
yield. It achieves very low current into the crystal
resulting in better overall stability.
DIE SPECIFICATIONS
Name
Value
Size
62 x 65 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
BLOCK DIAGRAM
DIE CONFIGURATION
OUTPUT SELECTION AND ENABLE
OUTSEL
(Pad #9)
Selected Output
0
LVDS
1
PECL (default)
OESEL
(Pad #25)
OE_CTRL
(Pad #30)
State
0
Tri-state
0
1
Output enabled (default)
0
Output enabled (default)
1 (default)
1
Tri-state
Pad #9, #25: Bond to GND to set to “0”. Internal pull up.
Pad #30: Logical states defined by PECL levels if OESEL is “1”
Logical states defined by CMOS levels if OESEL is “0”
OUTPUT FREQUENCY SELECTOR
S2
Output
0
Input/2
1(Default)*
Input
*Internally set to ‘Default’ through 60K pull-up resistor
18
19
20
21
23
25
7
13
10
26
29
31
Y
X
(0,0)
(1550,1475)
65 mil
24
22
17
16
15
14
12
11
9
8
6
1
2
3
4
5
27
28
30
OUTSEL^
PECL
LVDS
VDDBUF
VDDBUF
PECLB
LVDSB
N/C
GNDBUF
XIN
XOUT
N/C
OE
CTRL
S2^
N/C
Die ID:
A2020-20A
C502A
XIN
XOUT
OE
Q
PLL620-30
Q
Oscillator
Amplifier


Similar Part No. - PLL620-30DC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-38 PLL-PLL620-38 Datasheet
219Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-39 PLL-PLL620-39 Datasheet
219Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-3XOC PLL-PLL620-3XOC Datasheet
219Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-3XOC-R PLL-PLL620-3XOC-R Datasheet
219Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-3XOCL PLL-PLL620-3XOCL Datasheet
219Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
More results

Similar Description - PLL620-30DC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-38 PLL-P521-38 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (65MHz to 130MHz)
P521-39 PLL-P521-39 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (65MHz to 130MHz)
PL623-38 PLL-PL623-38 Datasheet
216Kb / 6P
Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
PLL620-38 PLL-PLL620-38 Datasheet
219Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL520-30 PLL-PLL520-30 Datasheet
490Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-38-39 PLL-PLL520-38-39 Datasheet
248Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL500-37 PLL-PLL500-37 Datasheet
200Kb / 5P
Low Phase Noise VCXO (36MHz to 130MHz)
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
4x Low Phase Noise Multiplier PECL XO
logo
Abracon Corporation
ABX2038 ABRACON-ABX2038 Datasheet
70Kb / 6P
PECL and LVDS Low Phase Noise XO (for 65-130MHz Output)
03/21/05
ABV2038 ABRACON-ABV2038 Datasheet
83Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com