Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL620-38 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL620-38
Description  PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-38 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL620-38 Datasheet HTML 1Page - PhaseLink Corporation PLL620-38 Datasheet HTML 2Page - PhaseLink Corporation PLL620-38 Datasheet HTML 3Page - PhaseLink Corporation PLL620-38 Datasheet HTML 4Page - PhaseLink Corporation PLL620-38 Datasheet HTML 5Page - PhaseLink Corporation PLL620-38 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLL620-38/-39
PECL and LVDS Low Phase Noise XO (for 32.5-130MHz Output)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 09/15/05 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XIN
2
I
Crystal input. See Crystal Specifications on page 2.
XOUT
3
I
Crystal output. See Crystal Specifications on page 2.
S2
5
I
When pulled low the output is equal to the input divided by 2. Internal
pull up.
OE_CTRL
6
I
Output enable. See Output Enable Logic table on page 1.
GND
8, 14
P
Ground.
CLKT
11
O
True output PECL (PLL620-38) or LVDS (PLL620-39).
CLKC
13
O
Complementary output PECL (PLL620-38) or LVDS (PLL620-39).
DNC
4,7,10,15,16
-
Do Not connect.
VDD
1, 12
P
Power supply.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
*
Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Loading Rating
CL (xtal)
8.5
Inter-electrode capacitance
C0
65MHz to 130MHz
(VDD=3.3V)
2.6
pF
Crystal Resonator Frequency
FXIN
Fund.
65
130
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com