Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P702-06SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # P702-06SC
Description  Clock Generator for Printer Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P702-06SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  P702-06SC Datasheet HTML 1Page - PhaseLink Corporation P702-06SC Datasheet HTML 2Page - PhaseLink Corporation P702-06SC Datasheet HTML 3Page - PhaseLink Corporation P702-06SC Datasheet HTML 4Page - PhaseLink Corporation P702-06SC Datasheet HTML 5Page - PhaseLink Corporation P702-06SC Datasheet HTML 6Page - PhaseLink Corporation P702-06SC Datasheet HTML 7Page - PhaseLink Corporation P702-06SC Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PLL702-06
Clock Generator for Printer Applications
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 10/26/05 Page 3
FUNCTIONAL DESCRIPTION
Tri-level and two-level inputs
In order to reduce pin usage, the PLL702-06 uses tri-level input pins. These pins allow 3 levels for input selection: namely, 0 =
Connect to GND, 1 = Connect to VDD, M = Do not connect. Thus, unlike the two-level selection pins, the tri-level input pins are in
the “M” (mid) state when not connected. In order to connect a tri-level pin to a logical “zero”, the pin must be connected to GND.
Likewise, in order to connect to a logical “one”, the pin must be connected to VDD.
BI-DIRECTIONAL PINS WITH INTERNAL PULL-UP
Connecting a bi-directional pin
The PLL702-06 also uses bi-directional pins. The same pin serves as input upon power-up, and as output as soon as the inputs
have been latched. The value of the input is latched-in upon power-up. Depending on the pin (see pin description), the input can
be tri-level or a standard two-level. Unlike unidirectional pins, bi-directional pins cannot be connected directly to GND or VDD in
order to set the input to "0" or "1", since the pin also needs to serve as output. In the case of two level input pins, an internal pull-
up resistor is present. This allows a default value to be set when no external pull down resistor is connected between the pin and
GND (by definition, a tri-level input has a default value of "M" (mid) if it is not connected). In order to connect a bi-directional pin to
a non-default value, the input must be connected to GND or VDD through an external pull-down/pull-up resistor.
Latch
Power Up
Reset
Jumper options
R
UP/4
Clock Load
Latched
Input
Output
EN
VDD
R
up
Bi-directional pin
R
RB
NOTE: Rup=Internal pull-up resistor (see pin description). Power-up Reset : R starts from 1 to 0 while RB starts from 0 to 1.
Internal to chip
External Circuitry



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com