Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL520-30 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL520-30
Description  PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-30 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL520-30 Datasheet HTML 1Page - PhaseLink Corporation PLL520-30 Datasheet HTML 2Page - PhaseLink Corporation PLL520-30 Datasheet HTML 3Page - PhaseLink Corporation PLL520-30 Datasheet HTML 4Page - PhaseLink Corporation PLL520-30 Datasheet HTML 5Page - PhaseLink Corporation PLL520-30 Datasheet HTML 6Page - PhaseLink Corporation PLL520-30 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
PLL520-30
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
FEATURES
• 65MHz to 130MHz Fundamental Mode Crystal.
• Output range: 65MHz – 130MHz (no PLL).
• Low Injection Power for crystal 50uW.
• Complementary outputs: PECL or LVDS.
• Selectable OE Logic
• Integrated variable capacitors.
• Supports 2.5V or 3.3V-Power Supply.
• Available in die form.
• Thickness 10 mil.
DESCRIPTIONS
PLL520-30 is a VCXO IC specifically designed to
pull frequency fundamental crystals from 65MHz to
130MHz, with selectable PECL or LVDS outputs and
OE logic (enable high or enable low). Its design was
optimized to tolerate higher limits of interelectrodes
capacitance and bonding capacitance to improve
yield. It achieves very low current into the crystal
resulting in better overall stability. Its internal
varicaps allow an on chip frequency pulling,
controlled by the VCON input.
BLOCK DIAGRAM
DIE CONFIGURATION
Y
18
19
20
21
23
25
7
13
10
26
29
31
X
(0,0)
(1550,1475)
65 mil
24
22
17
16
15
14
12
11
9
8
6
1
2
3
45
27
28
30
DIE SPECIFICATIONS
Name
Value
Size
62 x 65 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
OUTPUT SELECTION AND ENABLE
Pad #9
OUTSEL
Selected Output
0
LVDS
1
PECL (default)
X+
X-
OE
Q
PLL520-30
VCON
Q
Oscillator
Amplifier
w/
integrated
varicaps
Pad #25
OESEL
Pad #30
OE_CTRL
State
0
Tri-state
0
1
Output enabled (default)
0
Output enabled (default)
1
(default)
1
Tri-state
Pad #9, #25 and #30: Bond to GND to set to “0”, bond to VDD to set to “1”
Pad #30: Logical states defined by PECL levels if OESEL is “1”
Logical states defined by CMOS levels if OESEL is “0”
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 4/20/04 Page 1


Similar Part No. - PLL520-30

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL520-38 PLL-PLL520-38 Datasheet
248Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-38-39 PLL-PLL520-38-39 Datasheet
248Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-38OC PLL-PLL520-38OC Datasheet
248Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-38OC-R PLL-PLL520-38OC-R Datasheet
248Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-38QC PLL-PLL520-38QC Datasheet
248Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
More results

Similar Description - PLL520-30

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL520-28-29 PLL-PLL520-28-29 Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PLL520-38-39 PLL-PLL520-38-39 Datasheet
248Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-40 PLL-PLL520-40 Datasheet
217Kb / 5P
CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-10 PLL-PLL520-10 Datasheet
242Kb / 8P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PLL520-17 PLL-PLL520-17 Datasheet
240Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
logo
Abracon Corporation
ABX2028 ABRACON-ABX2028 Datasheet
227Kb / 6P
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
03/21/05
ABX2038 ABRACON-ABX2038 Datasheet
70Kb / 6P
PECL and LVDS Low Phase Noise XO (for 65-130MHz Output)
03/21/05
ABV2017 ABRACON-ABV2017 Datasheet
79Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
ABV2028 ABRACON-ABV2028 Datasheet
94Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
ABV2038 ABRACON-ABV2038 Datasheet
83Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com