Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL620-89 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL620-89
Description  Low Phase Noise XO (9.5-65MHz Output)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-89 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL620-89 Datasheet HTML 1Page - PhaseLink Corporation PLL620-89 Datasheet HTML 2Page - PhaseLink Corporation PLL620-89 Datasheet HTML 3Page - PhaseLink Corporation PLL620-89 Datasheet HTML 4Page - PhaseLink Corporation PLL620-89 Datasheet HTML 5Page - PhaseLink Corporation PLL620-89 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL620-88/-89
Low Phase Noise XO (9.5-65MHz Output)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 12/08/04 Page 1
FEATURES
• 19MHz to 65MHz crystal input.
• Output range: 9.5MHz – 65MHz
• Complementary outputs: PECL or LVDS output.
• Selectable OE Logic (enable high or enable low).
• Supports 2.5V or 3.3V Power Supply.
• Available in 16 pin TSSOP package.
DESCRIPTION
The PLL620-88 (PECL) and PLL620-89 (LVDS) are
XO ICs specifically designed to work with
fundamental or 3rd OT crystals between 19MHz and
65MHz. The selectable divide by two feature extends
the operation range from 9.5MHz to 65MHz. They
require very low current into the crystal resulting in
better overall stability. The OE logic feature allows
selection of enable high or enable low.
BLOCK DIAGRAM
PIN CONFIGURATION
OUTPUT SELECTION AND ENABLE
OE_SELECT
OE_CTRL
State
0
Tri-state
0
1 (Default)
Output enabled
0 (Default)
Output enabled
1 (Default)
1
Tri-state
Input selection: Bond to GND to set to “0”, bond to VDD to set to “1”
No connection results to “default” setting through
internal pull-up/-down.
OE_CTRL:
Logical states defined by PECL levels if
OE_SELECT is “1”
Logical states defined by CMOS levels if
OE_SELECT is “0”
OUTPUT FREQUENCY DIVIDE BY
TWO SELECTOR
S2
Output
0
Intput/2
1
Input
O
E
Q
PLL620-8X Block Diagram
Q
Oscillator
Amplifier
S2
X+
X-
1
2
3
4
5
6
7
8
VDD
9
10
11
12
13
14
15
16
XIN
XOUT
DNC
S2
OE
N/C
GND
DNC
DNC
GNDBUF
QBAR
VDDBUF
Q
GNDBUF
GND


Similar Part No. - PLL620-89

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
List of Unclassifed Man...
PLL620-80DC ETC1-PLL620-80DC Datasheet
212Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PLL620-80DC PLL-PLL620-80DC Datasheet
813Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
List of Unclassifed Man...
PLL620-80DI ETC1-PLL620-80DI Datasheet
212Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
More results

Similar Description - PLL620-89

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
03/21/05
ABX2088 ABRACON-ABX2088 Datasheet
67Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
03/21/05
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
38-640MHz Low Phase Noise XO
9/1/05
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
Rugged XO/Low Phase Noise
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com