Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL620-3XOCL Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL620-3XOCL
Description  PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-3XOCL Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL620-3XOCL Datasheet HTML 1Page - PhaseLink Corporation PLL620-3XOCL Datasheet HTML 2Page - PhaseLink Corporation PLL620-3XOCL Datasheet HTML 3Page - PhaseLink Corporation PLL620-3XOCL Datasheet HTML 4Page - PhaseLink Corporation PLL620-3XOCL Datasheet HTML 5Page - PhaseLink Corporation PLL620-3XOCL Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL620-38/39
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 09/15/05 Page 1
FEATURES
• 65MHz to 130MHz Crystal input.
• Output range: 32.5MHz – 130MHz (no PLL).
• Low Injection Power for crystal, 50uW.
• PECL (PLL620-38) or LVDS output (PLL620-39).
• Supports 2.5V or 3.3V-Power Supply.
• Available in 16-Pin TSSOP.
DESCRIPTION
The PLL620-38/-39 is a family of XO IC’s specifically
designed to work with high frequency fundamental or
3rd OT crystals from 65MHz to 130MHz, with
selectable PECL or LVDS outputs. They achieve
very low current into the crystal resulting in better
overall stability. Their very low jitter makes them
ideal for the most demanding timing requirements.
BLOCK DIAGRAM
PIN CONFIGURATION
Note: ^ designates internal pull-up resistor.
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
0
(Default)
Output enabled
PLL620-38
1
Tri-state
0
Tri-state
PLL620-39
1
(Default)
Output enabled
OE input: Logical states defined by PECL levels for PLL620-38
Logical states defined by CMOS levels for PLL620-39
OUTPUT FREQUENCY SELECTOR
S2
Output
0
Input/2
1(Default)*
Input
*Internally set to ‘Default’ through 60K pull-up resistor
!
XIN
XOUT
OE
Q
PLL620-38/-39
Q
Oscillator
Amplifier
S2


Similar Part No. - PLL620-3XOCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-30 PLL-PLL620-30 Datasheet
209Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-30DC PLL-PLL620-30DC Datasheet
209Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-30DI PLL-PLL620-30DI Datasheet
209Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
More results

Similar Description - PLL620-3XOCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-38 PLL-P521-38 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (65MHz to 130MHz)
P521-39 PLL-P521-39 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (65MHz to 130MHz)
PL623-38 PLL-PL623-38 Datasheet
216Kb / 6P
Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
PLL620-30 PLL-PLL620-30 Datasheet
209Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL520-30 PLL-PLL520-30 Datasheet
490Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-38-39 PLL-PLL520-38-39 Datasheet
248Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL500-37 PLL-PLL500-37 Datasheet
200Kb / 5P
Low Phase Noise VCXO (36MHz to 130MHz)
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
4x Low Phase Noise Multiplier PECL XO
logo
Abracon Corporation
ABX2038 ABRACON-ABX2038 Datasheet
70Kb / 6P
PECL and LVDS Low Phase Noise XO (for 65-130MHz Output)
03/21/05
ABV2038 ABRACON-ABV2038 Datasheet
83Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com