Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SF641 Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button AT25SF641 Datasheet HTML 34Page - Dialog Semiconductor AT25SF641 Datasheet HTML 35Page - Dialog Semiconductor AT25SF641 Datasheet HTML 36Page - Dialog Semiconductor AT25SF641 Datasheet HTML 37Page - Dialog Semiconductor AT25SF641 Datasheet HTML 38Page - Dialog Semiconductor AT25SF641 Datasheet HTML 39Page - Dialog Semiconductor AT25SF641 Datasheet HTML 40Page - Dialog Semiconductor AT25SF641 Datasheet HTML 41Page - Dialog Semiconductor AT25SF641 Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
37
AT25SF641
DS-25SF641–111E–3/2018
7.21
Erase / Program Suspend (75h)
The Erase/Program Suspend instruction allows the system to interrupt a Block Erase operation or a Page Program,
Quad Data Input Page Program, Quad Page Program operation.
Erase Suspend is valid only during the Block erase operation. The Write Status Register-1 (01h), Write Status Register-
2 (31h) instruction and Erase instructions (20h, 52h, D8h, C7h, 60h) are not allowed during Erase Suspend. During the
Chip Erase operation, the Erase Suspend instruction is ignored.
Program Suspend is valid only during the Page Program, Quad Data Input Page Program or Quad Page Program
operation. The Write Status Register-1(01h), Write Status Register-2 (31h) instruction and Program instructions (02h
and 33h) and Erase instructions (20h, 52h, D8h, C7h and 60h) are not allowed during Program Suspend.
The Erase/Program Suspend instruction “75h” will be accepted by the device only if the SUS bit in the Status Register
equals to 0 and the BUSY bit equals to 1 while a Block Erase or a Page Program operation is on-going. If the SUS bit
equals to 1 or the BUSY bit equals to 0, the Suspend instruction will be ignored by the device. A maximum of time of
t
SUS (See Section 8.7, AC Electrical Characteristics) is required to suspend the erase or program operation. After
Erase/Program Suspend, the SUS bit in the Status Register will be set from 0 to 1 immediately and The BUSY bit in the
Status Register will be cleared from 1 to 0 within “t
SUS”. For a previously resumed Erase/Program operation, it is also
required that the Suspend instruction “75h” is not issued earlier than a minimum of time of t
SUS following the preceding
Resume instruction “7Ah”.
Unexpected power off during the Erase/Program suspend state resets the device and release the suspend state. SUS
bit in the Status Register also resets to 0. The data within the page or block that was being suspended may become
corrupted. It is recommended for the user to implement system design techniques against the accidental power
interruption and preserve data integrity during erase/program suspend state. (Please refer to Figure 7-33 and Figure 7-
34).
Figure 7-33. Erase Suspend instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com