Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25XE321D Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # AT25XE321D
Description  32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25XE321D Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button AT25XE321D Datasheet HTML 16Page - Dialog Semiconductor AT25XE321D Datasheet HTML 17Page - Dialog Semiconductor AT25XE321D Datasheet HTML 18Page - Dialog Semiconductor AT25XE321D Datasheet HTML 19Page - Dialog Semiconductor AT25XE321D Datasheet HTML 20Page - Dialog Semiconductor AT25XE321D Datasheet HTML 21Page - Dialog Semiconductor AT25XE321D Datasheet HTML 22Page - Dialog Semiconductor AT25XE321D Datasheet HTML 23Page - Dialog Semiconductor AT25XE321D Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 124 page
background image
Datasheet
2021-Aug-2
DS-AT25XE321D-160
Revision J
20
© 2021 Dialog Semiconductor
AT25XE321D
Datasheet
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory
with Multi-I/O Support
A Dual Output (1-1-2) write operation is shown in Figure 11. An example of this operation is a Dual Output Byte/Page Program
(A2h).
Figure 11: Dual Output Write — 1-pin Command, 1-Pin Address, and 2-Pin Data
4.4 QUAD OUTPUT OPERATION (1-1-4)
The AT25XE321D supports the Quad Output mode which enhances overall throughput over the standard SPI and dual operation
modes by increasing the data transfer rate. In this mode, data is transferred on four pins; SI, SO, WP, and HOLD. This means
that only 1/4th the number of clocks are required to transfer the data relative to standard SPI mode. This is known as a 1-1-4
transfer which is defined as follows:
1-pin command, 1-pin address, and 4-pin data (1-1-4)
In Quad Output mode the command (C) and address (A) are driven to the memory device on the SI (IO0) pin. During write
operations, the SI (IO0), SO (IO1), WP (IO2), and HOLD (IO3) pins switched to inputs and the data is driven on all four pins,
allowing four data bits to be transferred on every clock. During read operations, once the command and address are transferred
on the SI (IO0) pin, the SI (IO0), SO (IO1), WP (IO2), and HOLD (IO3) pins switched to outputs and the data is driven on all four
pins, allowing four data bits to be transferred on every clock.
A 1-1-4 Quad Output read operation is shown in Figure 12. An example of this operation is a Quad Output Read (6Bh). Note that
this type of transfer can contain one or more dummy bytes between the end of the address and the beginning of the data output
depending on the type of command and the operating frequency. See Table 20 for more information.
Figure 12: Quad Output Transfer — 1-Pin Command, 1-Pin Address, and 4-Pin Data — Read Operation
6&.
&6
6, 6,2
62
06%
06%



&&&&&&&&


 



 




 
 
&200$1'
$$$$
$$$
$$
$''5(66%,76$$
+,*+,03('$1&(
06%
06%
'
'
'
'
'
'
'
'
'
'
'
'
'
'
'
'
'$7$ ,1
'$7$ ,1
I/O0
(SI)
SCK
23
1
0
C
67
51
1
0
1
49
3
4
2
4
9
3
2
1
8
41
40
37 38
33
36
35
34
31 32
8
4
7
4
4
4
0
3
9
246
45
COMMAND
AAAA
AAA
AA
XXXXXXXX
Address Bits A23-A0
DUMMY
DATA
OUT 1
DATA
OUT 2
DATA
OUT 3
DATA
OUT 4
DATA
OUT 5
I/O1
(SO)
High-Impedance
D5 D1 D5 D1 D5 D1 D5 D1 D5 D1
I/O2
(WP)
High-Impedance
D6 D2 D6 D2 D6 D2 D6 D2 D6 D2
I/O3
(HOLD)
MSB
MSB
MSB
MSB
MSB
High-Impedance
D7 D3 D7 D3 D7 D3 D7 D3 D7 D3
D4 D0 D4 D0 D4 D0 D4 D0 D4 D0
CS
CC
C
C
C
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com