Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB081E Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # AT45DB081E
Description  8-Mbit DataFlash (with Extra 256-kbits) 1.7 V Minimum SPI Serial Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB081E Datasheet(HTML) 2 Page - Dialog Semiconductor

  AT45DB081E Datasheet HTML 1Page - Dialog Semiconductor AT45DB081E Datasheet HTML 2Page - Dialog Semiconductor AT45DB081E Datasheet HTML 3Page - Dialog Semiconductor AT45DB081E Datasheet HTML 4Page - Dialog Semiconductor AT45DB081E Datasheet HTML 5Page - Dialog Semiconductor AT45DB081E Datasheet HTML 6Page - Dialog Semiconductor AT45DB081E Datasheet HTML 7Page - Dialog Semiconductor AT45DB081E Datasheet HTML 8Page - Dialog Semiconductor AT45DB081E Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
DS-AT45DB081E–028K–03/2021
AT45DB081E
8-Mbit DataFlash (with Extra 256-kbits)
1.7 V Minimum SPI Serial Flash Memory
Features
Single 1.7 V - 3.6 V supply
Serial Peripheral Interface (SPI) compatible
- Supports SPI modes 0 and 3
- Supports RapidS™ operation
Continuous read capability through entire array
- Up to 85 MHz
- Low-power read option up to 15 MHz
- Clock-to-output time (tV) of 6 ns maximum
User-configurable page size
- 256 bytes per page
- 264 bytes per page (default)
- Page size can be factory pre-configured for 256 bytes
Two fully independent SRAM data buffers (256/264 bytes)
- Allows receiving data while reprogramming the main memory array
Flexible programming options
- Byte/Page Program (1 to 256/264 bytes) directly into main memory
- Buffer Write
- Buffer to Main Memory Page Program
Flexible erase options
- Page Erase (256/264 bytes)
- Block Erase (2 kB)
- Sector Erase (64 kB)
- Chip Erase (8 Mbits)
Program and Erase Suspend/Resume
Advanced hardware and software data protection features
- Individual sector protection
- Individual sector lockdown to make any sector permanently read-only
128-byte, One-Time Programmable (OTP) Security Register
- 64 bytes factory programmed with a unique identifier
- 64 bytes user programmable
Hardware- and software-controlled reset options
JEDEC Standard Manufacturer and Device ID Read
Low-power dissipation
- 400 nA Ultra-Deep Power-Down current (typical)
- 4.5 µA Deep Power-Down current (typical)
- 25 µA Standby current (typical)
- 11 mA Active Read current (typical @ 20 MHz))
Endurance: 100,000 program/erase cycles per page minimum
Data retention: 20 years
Complies with full industrial temperature range
Green (Pb/Halide-free/RoHS compliant) packaging options
- 8-lead SOIC (0.150" wide and 0.208" wide)
- 8-pad Ultra-thin DFN (5 x 6 x 0.6mm)
- 9-ball Ultra-thin UBGA (6 x 6 x 0.6mm)
- 8-ball (2 x 4) Array) Wafer Level Chip Scale Package
- Die in Wafer Form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com