Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL601-03 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL601-03
Description  Low Phase Noise PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-03 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL601-03 Datasheet HTML 1Page - PhaseLink Corporation PLL601-03 Datasheet HTML 2Page - PhaseLink Corporation PLL601-03 Datasheet HTML 3Page - PhaseLink Corporation PLL601-03 Datasheet HTML 4Page - PhaseLink Corporation PLL601-03 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary
PLL601-03
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 06/15/01 Page 3
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage Range
VCC
-0.5
7
V
Input Voltage Range
VI
-0.5
VCC
+0.5
V
Output Voltage Range
VO
-0.5
VCC
+0.5
V
Soldering Temperature
260
°C
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature
0
70
°C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other con-
ditions above the operational limits noted in this specification is not implied.
2. AC Specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Frequency
Depends on selected multiplier
10
30
MHz
Output Frequency
At 3.3V
160
MHz
Output Rise Time
0.8V to 2.0V with no load
1.5
ns
Output Fall Time
2.0V to 0.8V with no load
1.5
ns
Duty Cycle
At VDD/2
45
50
55
%
Period jitter RMS
With capacitive decoupling
between VDD and GND
6.4
ps
Accumulated jitter RMS
With capacitive decoupling
between VDD and GND
9.4
ps
Phase Noise, relative to carrier, 155Mhz(x8)
100Hz offset, 3.3V
-103
dBc/Hz
Phase Noise, relative to carrier, 155Mhz(x8)
1kHz offset, 3.3V
-126
dBc/Hz
Phase Noise, relative to carrier, 155Mhz(x8)
10kHz offset, 3.3V
-133
dBc/Hz
Phase Noise, relative to carrier, 155Mhz(x8)
100kHz offset, 3.3V
-128
dBc/Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com