Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL701-01 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL701-01
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-01 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL701-01 Datasheet HTML 1Page - PhaseLink Corporation PLL701-01 Datasheet HTML 2Page - PhaseLink Corporation PLL701-01 Datasheet HTML 3Page - PhaseLink Corporation PLL701-01 Datasheet HTML 4Page - PhaseLink Corporation PLL701-01 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLL701-01/02/04/06
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com
Rev 08/12/04 Page 4
3. DC/AC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.63
V
Input High Voltage
VIH
0.7*VDD
V
Input Low Voltage
VIL
0.3*VDD
V
Input High Current
IIH
100
µA
Input Low Current
IIL
100
µA
Output High Voltage
VOH
IOH=5mA, VDD=3.3V
2.4
Output Low Voltage
VOL
IOL=6mA, VDD=3.3V
0.4
FXIN
When using a crystal
10
30
MHz
Input Frequency
FIN
When using reference clock
10
30
MHz
Maximum interruption of FIN
When using reference clock
100
µs
Load Capacitance
CL
Between Pin XIN and
XOUT*
18
pF
Pull-up Resistor
Rup
PIN 2
120
k
Ω
Pull-up Resistor
Rup
PIN 3, 4, 7
30
k
Ω
Short Circuit Current
Isc
50
mA
3.3V Dynamic Supply Current
ICC
No Load
20
mA
*Note: Pin XIN and XOUT each has a 36pF capacitance. When used with a XTAL, the two capacitors combined load the crystal with 18pF. If driving XIN
with a reference clock signal, the load capacitance will be 36pF (typical).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com