Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8553DTT/A Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8553DTT/A
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/A Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8553DTT/A Datasheet HTML 19Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 20Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 21Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 22Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 23Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 24Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 25Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 26Page - NXP Semiconductors PCF8553DTT/A Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
8.3.1 Backplane outputs
The LCD drive section includes four backplane outputs COM0 to COM3, which must
be directly connected to the LCD. The backplane output signals are generated in
accordance with the selected LCD drive mode. If less than four backplane outputs are
required, the unused outputs can be left open-circuit.
• In 1:3 multiplex drive mode, COM3 carries the same signal as COM1, therefore these
two outputs can be tied together to give enhanced drive capabilities
• In 1:2 multiplex drive mode, COM0 and COM2, respectively, COM1 and COM3 all carry
the same signals and may also be paired to increase the drive capabilities
• In static drive mode, the same signal is carried by all four backplane outputs and they
can be connected in parallel for very high drive requirements
8.3.2 Segment outputs
The LCD drive section includes 40 segment outputs SEG0 to SEG39, which must be
directly connected to the LCD. The segment output signals are generated in accordance
with the multiplexed backplane signals and with data residing in the display registers.
When less than 39 segment outputs are required, the unused segment outputs must be
left open-circuit.
9 Power Sequencing
9.1 Power-on
To avoid unwanted artifacts on the display, VLCD must never be asserted before VDD, it is
permitted to assert VDD and VLCD at the same time.
9.2 Power-off
Before turning the power to the device off, the display must be disabled by setting bit DE
to logic 0. To avoid unwanted artifacts on the display, VLCD must never be connected,
while VDD is switched off. It is permitted to switch off VDD and VLCD simultaneously.
9.3 Power sequences
Figure 15 depicts the recommended power-up and power-off sequence.
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
23 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com