Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8553DTT/AJ Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8553DTT/AJ
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/AJ Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8553DTT/AJ Datasheet HTML 33Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 34Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 35Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 36Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 37Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 38Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 39Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 40Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
VDD = 1.8 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C; unless otherwise specified; all timing values are valid within the
operating supply voltage and Tamb range and are referenced to VIL and VIH with an input voltage swing of VSS to VDD.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tsu(CE_N)
CE_N set-up time
30
-
-
ns
th(CE_N)
CE_N hold time
10
-
-
ns
trec(CE_N)
CE_N recovery time
70
-
-
ns
Pin SDIO
tsu
set-up time
write data
5
-
-
ns
th
hold time
write data
50
-
-
ns
td(R)SDIO
SDIO read delay time
CL = 50 pF
-
-
150
ns
tdis(SDIO)
SDIO disable time
no load
-
-
50
ns
tt(SDI-SDO) transition time from SDI to
SDO
write to read mode
0
-
-
ns
Table 20. SPI-bus characteristics...continued
aaa-012166
CE
SCL
SDIO
SDIO
SA2
RA0
b7
b6
b0
SDI
b7
b6
b0
b7
b6
b0
SDO
READ
WRITE
high-Z
R/W
tsu(CE_N)
trec(CE_N)
tr
tf
tHIGH
tLOW
tsu
td(R)SDIO
tdis(SDIO)
tt(SDI-SDO)
th
th(CE_N)
80 %
20 %
Figure 27. SPI-bus timing waveforms
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
37 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com