Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8545ATT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal 36 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 3Page - NXP Semiconductors PCF8545ATT Datasheet HTML 4Page - NXP Semiconductors PCF8545ATT Datasheet HTML 5Page - NXP Semiconductors PCF8545ATT Datasheet HTML 6Page - NXP Semiconductors PCF8545ATT Datasheet HTML 7Page - NXP Semiconductors PCF8545ATT Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
NXP Semiconductors
PCF8551
Universal 36 × 4 LCD segment driver
Bits labeled as 0 must always be written with logic 0; bits labeled as - are ignored by the device.
Address Bits
Register name
AP[4:0]
7
6
5
4
3
2
1
0
Reference
09h
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
0Ah
SEG15 SEG14 SEG13 SEG12 SEG11 SEG10 SEG9
SEG8
0Bh
SEG23 SEG22 SEG21 SEG20 SEG19 SEG18 SEG17 SEG16
0Ch
SEG31 SEG30 SEG29 SEG28 SEG27 SEG26 SEG25 SEG24
COM1
0Dh
-
-
-
-
SEG35 SEG34 SEG33 SEG32
0Eh
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
0Fh
SEG15 SEG14 SEG13 SEG12 SEG11 SEG10 SEG9
SEG8
10h
SEG23 SEG22 SEG21 SEG20 SEG19 SEG18 SEG17 SEG16
11h
SEG31 SEG30 SEG29 SEG28 SEG27 SEG26 SEG25 SEG24
COM2
12h
-
-
-
-
SEG35 SEG34 SEG33 SEG32
13h
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
14h
SEG15 SEG14 SEG13 SEG12 SEG11 SEG10 SEG9
SEG8
15h
SEG23 SEG22 SEG21 SEG20 SEG19 SEG18 SEG17 SEG16
16h
SEG31 SEG30 SEG29 SEG28 SEG27 SEG26 SEG25 SEG24
COM3
17h
-
-
-
-
SEG35 SEG34 SEG33 SEG32
Table 4. Registers of the PCF8551...continued
For writing to the registers, send the address byte first, then write the data to the register
(see Section 10.1.4 and Section 10.2.1). The address byte works as an address pointer.
For the succeeding registers, the address pointer is automatically incremented by 1 (see
Figure 5) and all following data are written into these register addresses. After register
18h, the auto-incrementing will stop and subsequent data are ignored.
aaa-011661
address counter
00h
auto-increment
01h
02h
03h
...
15h
16h
17h
Figure 5. Address counter incrementing
7.2 Command registers of the PCF8551
7.2.1 Command: Device_ctrl
The Device_ctrl command sets the device into a defined state. It should be executed
before enabling the display (see bit DE in Table 6).
PCF8551
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 3 May 2021
7 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com