Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL701-21 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL701-21
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-21 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL701-21 Datasheet HTML 1Page - PhaseLink Corporation PLL701-21 Datasheet HTML 2Page - PhaseLink Corporation PLL701-21 Datasheet HTML 3Page - PhaseLink Corporation PLL701-21 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
PLL701-21
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 05/12/05 Page 2
BLOCK DIAGRAM
PIN DESCRIPTIONS
Name
Number
Type
Description
FIN
1
I
Input Clock Frequency. 24MHz to 200MHz.
S2
2
I
Digital control input for SST modulation magnitude selection. Has internal pull-
up.
S1
3
I
Digital control input for SST modulation magnitude selection. Has internal pull-
up.
S0
4
I
Digital control input for SST modulation magnitude selection. Has internal pull-
down.
GND
5
P
Ground.
FOUT
6
O
SST Modulated Clock Frequency Output.
S3
7
I
SST By-Pass Selector. S3 has internal pull-up. Default =”1”
VDD
8
P
3.3V Power Supply.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
FOUT
FIN
S(0:3)
PLL
SST
Control
Logic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com