Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXSMBUS Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXSMBUS
Description  Measures and Displays Remote Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXSMBUS Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXSMBUS Datasheet HTML 1Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 2Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 3Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 4Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
single-shot command overrides the automatic conver-
sion. After the single shot is complete, the device
returns to automatic operation.
Simple SMBus Commands
There are two methods for communicating with the
MAX6654: through the normal user-interface panel or
through the SMBus commands available from pressing
the MAXSMBUS button. A display pops up that allows
the SMBus protocols, such as Read Byte and Write
Byte, to be executed. To stop normal user-interface
execution so that it does not override the manually set
values, turn off the update timer that slaves the pro-
gram to the conversion rate by unchecking the
Automatic Read checkbox.
The SMBus dialog boxes accept numeric data in bina-
ry, decimal, or hexadecimal. Hexadecimal numbers
should be prefixed by $ or 0x. Binary numbers must be
exactly eight digits. Note: In places where the slave
address asks for an 8-bit value, it must be the 7-bit
slave address of the MAX6654 as determined by ADD0
and ADD1 with the last bit always set to 1.
Data Logging
Check the Data Logging checkbox to activate data
logging. Data logging saves temperature and status
data to a text file that includes a time/date stamp next
to each data point. If Automatic Read is enabled, data
is sampled at 2Hz; however, the data is logged to the
file only if either the temperature or status change. This
slows the growth of the data-logging file. When
Automatic Read is disabled, the data is logged each
time the Read All button is clicked. To stop data log-
ging, uncheck the Data Logging checkbox.
Jumper and Switch Settings
Two jumpers set the MAX6654 slave address. The
default address is 1001 110 (ADD0 = ADD1 = VCC).
JU1 corresponds to ADD0 and JU2 corresponds to
ADD1; see Table 1 for a complete list of addresses.
The MAX6654 must undergo a power-on reset for the
new address to become effective.
The +5V supply voltage for the MAX6654 comes from
the SMBus interface board. To evaluate the MAX6654
with a different voltage, cut the trace shorting the two
pins of JU4 and apply a voltage to the VCC pad. A
slide switch, SW1, is provided as a means to force a
power-on reset of the MAX6654. This switch disables
power to the device.
Evaluating PRC Mode
The MAX6654 includes a parasitic resistance cancella-
tion (PRC) mode. In PRC mode, the effect of series
resistance on the leads of the external diode is can-
celed. To test this feature, cut the trace shorting the two
pins of JU5 and solder a 100
Ω resistor at the R1 loca-
tion on the board. Then check the Parasitic Cancel
checkbox on the main display.
Using a Remote-Diode Sensor
The MAX6654 EV kit can be connected through a twist-
ed pair to a remote diode close to your system. Cut the
trace shorting the two pins of JU6 and solder the twist-
ed pair from your remote diode to the pads labeled
DXP and DXN.
MAX6654 Evaluation System
_______________________________________________________________________________________
3
SHUNT LOCATION
JU1 (ADD0)
JU2 (ADD1)
MAX6654
ADDRESS
2-3
2-3
0011 000
2-3
Open
0011 001
2-3
1-2
0011 010
Open
2-3
0101 001
Open
Open
0101 010
Open
1-2
0101 011
1-2
2-3
1001 100
1-2
Open
1001 101
1-2
1-2
1001 110
SHUNT
LOCATION
STBY PIN
FUNCTION
1-2
Connected to
VCC
In operate mode
Open
Connect an
external
signal to
STBY
2-3
Connected to
GND
In standby mode
Table 1. JU1 and JU2 Shunt Settings for
SMBus Address
Table 2. JU3 Shunt Settings for
STBY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com