Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL702-03 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL702-03
Description  Low EMI Peripheral Clock Generator for Notebook PCs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-03 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL702-03 Datasheet HTML 1Page - PhaseLink Corporation PLL702-03 Datasheet HTML 2Page - PhaseLink Corporation PLL702-03 Datasheet HTML 3Page - PhaseLink Corporation PLL702-03 Datasheet HTML 4Page - PhaseLink Corporation PLL702-03 Datasheet HTML 5Page - PhaseLink Corporation PLL702-03 Datasheet HTML 6Page - PhaseLink Corporation PLL702-03 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary
PLL702-03
Low EMI Peripheral Clock Generator for Notebook PCs
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 10/06/02 Page 3
PIN DESCRIPTIONS
Name
Pin#
Type
Description
VDDOSC
1
P
3.3V power supply for oscillator, analog core and digital circuitry.
XIN
2
I
Crystal input: for 24.576MHz fundamental crystal (CL = 20pF, parallel resonant mode, +/-
20ppm). On-chip load capacitors: no external load capacitors required.
XOUT
3
O
Crystal output.
VSSOSC
4
P
Ground connection.
VSSB1
5
P
Ground connection.
24.576MHz/SST0
6
B
Bi-directional and Tri-Level pin. Upon power-on, the value of SST0 is latched in and used
to select the SST control (see Spread Spectrum selection table 1). Tri level input: M = Do
not connect, 1 = Pull up, 0 = Pull down. After power-up this pin acts as 24.576MHz output
clock.
24.576MHz/SST1
7
B
Bi-directional pin. Upon power-on, the value of SST1 is latched in and used to select the
SST control (see Spread Spectrum selection table 1). Internal pull down defaults SST1 to
0, use external pull-up to set to 1. After power-up this pin acts as 24.576MHz output clock.
VDDB1
8
P
3.3V power supply for 24.576MHz clock.
VDD25M
9
P
3.3V power supply for 25MHz, 8MHz, 12MHz, 24.576MHz.
25MHzx2
10
O
25MHz Ethernet output clock (double drive strength).
VSS25M
11
P
Ground connection.
12MHz/VDD_SEL
12
B
Bi-directional pin. Upon power-on, the value of VDD_SEL is latched in and used to select
the power (see Power Selection table 2 ). Internal pull down defaults SST1 to 0, use
external pull-up to set to 1. After power-up this pin acts as 12MHz output clock.
8MHz
13
O
8MHz output clock (for Keyboard controller).
VSSB2
14
P
Ground connection.
27MHz
15
O
27MHz output. This output can be modulated for low EMI using SST (Spread Spectrum
Technology).
VDDB2
16
P
3.3V power supply for 27MHz, 20MHz, 12MHz, and 24.576MHz.
FUNCTIONAL DESCRIPTION
Tri-level and two-level inputs
In order to reduce pin usage, the PLL702-02 uses tri-level input pins. These pins allow 3 levels for input selection: namely, 0 =
Connect to GND, 1 = Connect to VDD, M = Do not connect. Thus, unlike the two-level selection pins, the tri-level input pins are
in the “M” (mid) state when not connected. In order to connect a tri-level pin to a logical “zero”, the pin must be connected to
GND. Likewise, in order to connect to a logical “one”, the pin must be connected to VDD.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com