Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL4201 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TGL4201
Description  Wideband Fixed Attenuators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGL4201 Datasheet(HTML) 2 Page - Qorvo, Inc

  TGL4201 Datasheet HTML 1Page - Qorvo, Inc TGL4201 Datasheet HTML 2Page - Qorvo, Inc TGL4201 Datasheet HTML 3Page - Qorvo, Inc TGL4201 Datasheet HTML 4Page - Qorvo, Inc TGL4201 Datasheet HTML 5Page - Qorvo, Inc TGL4201 Datasheet HTML 6Page - Qorvo, Inc TGL4201 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TGL4201
2
Aug 2011 © Rev B
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
TABLE I
ELECTRICAL CHARACTERISTICS
(Ta = 25 0C Nominal)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
0dB Attenuation
(-00)
DC – 30 GHz 1/
0
0.1
0.2
dB
2dB Attenuation
(-02)
DC – 30 GHz 1/
1.75
2
2.25
dB
3dB Attenuation
(-03)
DC – 30 GHz 1/
2.65
3
3.35
dB
6dB Attenuation
(-06)
DC – 30 GHz 1/
5.3
6
6.3
dB
10dB Attenuation (-10)
DC – 30 GHz 1/
9.4
10
10.4
dB
IRL
Input Return Loss
DC – 40 GHz
15
dB
ORL
Output Return Loss
DC – 40 GHz
15
dB
Maximum Power
2 - 18 GHz
20
dBm
1/ Measured on wafer with RF probes. Bond wires are not included in this measurement
.
Wafer is sample tested at ~10%. TGL4201-00 is not RF tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com