Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P702-05SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P702-05SC
Description  Low EMI Peripheral Clock Generator for Notebook
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P702-05SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P702-05SC Datasheet HTML 1Page - PhaseLink Corporation P702-05SC Datasheet HTML 2Page - PhaseLink Corporation P702-05SC Datasheet HTML 3Page - PhaseLink Corporation P702-05SC Datasheet HTML 4Page - PhaseLink Corporation P702-05SC Datasheet HTML 5Page - PhaseLink Corporation P702-05SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL702-05
Low EMI Peripheral Clock Generator for Notebook
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/12/04 Page 1
FEATURES
• Single Low EMI IC to replace multiple crystals and
oscillators on Notebooks (27MHz, 14.318MHz,
24.576MHz, 25MHz).
• Selectable crystal input: 24.576MHz or 14.318MHz
(accuracy requirement +/- 20ppm)
• Less than 10ppm Frequency Synthesis error, meeting
AC97, IEEE1394, IEEE802 frequency precision
specification.
• 27MHz clock with 2 levels of Selectable Spread
Spectrum modulation +/- 0.5% and +/- 0.75% center.
• 25MHz clock with double drive strength (Ethernet PHY
and MAC).
• 24.576MHz clocks for Audio Codec and IEEE1394.
• Available in 8-Pin SOIC.
Table 1. SPREAD SPECTRUM SELECTION
SST0
SST Modulation only on
27MHz. (pin 7)
1
+/- 0.75 %
0
+/- 0.5 %
M
SST OFF (Default)
Notes: M = Do not connect. 1 = Pulled up. 0 = Pulled down.
BLOCK DIAGRAM
Note : Only 27MHz output is modulated for low EMI via Spread
Spectrum.
PIN ASSIGNMENT
POWER GROUPS
• VDD – VSS: XIN, XOUT, analog core, digital part ,
27MHz., 24.576MHz and 25MHz.
Table 2. CRYSTAL SELECTION TABLE
Crystal Input
XTAL_SEL
Pin 7
24.576MHz
0
27MHz
14.318MHz
1
14.318MHz
1
2
3
4
5
6
7
8
VDD
XIN
XOUT
VSS
24.576MHz/SST0*T
27_14.318MHz/XTAL_SEL*v
25MHzx2
Note: 25MHzx2: double drive strength
*: Bi-directional pin
v: Internal pull-down resistor (120k
Ω)
T: Tri-level input
VSS
SST(0)
PLL2
25MHz
27_14.318MHz
XTAL
OSC
XIN
XOUT
PLL
SST
XTAL_SEL
24.576MHz


Similar Part No. - P702-05SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P702-01XC PLL-P702-01XC Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
P702-01XCL PLL-P702-01XCL Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
P702-02XC PLL-P702-02XC Datasheet
306Kb / 7P
Low EMI Peripheral Clock Generator for Notebook & Motherboards
P702-02XCL PLL-P702-02XCL Datasheet
306Kb / 7P
Low EMI Peripheral Clock Generator for Notebook & Motherboards
P702-06SC PLL-P702-06SC Datasheet
279Kb / 8P
Clock Generator for Printer Applications
More results

Similar Description - P702-05SC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
logo
PhaseLink Corporation
PLL702-02 PLL-PLL702-02 Datasheet
306Kb / 7P
Low EMI Peripheral Clock Generator for Notebook & Motherboards
PLL702-03 PLL-PLL702-03 Datasheet
109Kb / 7P
Low EMI Peripheral Clock Generator for Notebook PCs
logo
Integrated Circuit Syst...
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com